Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP1H392MZ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQP1H392MZ
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1H392MZ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQP1H392MZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1H392MZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1H392MZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1H392MZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1H392MZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1H392MZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
± 1%(F), ± 2%(G) ,± 5%(J)
50VDC : For cap. value0.0001 to 0.0003 µF, ± 5%(J) only
50VDC : For cap. value0.00033 to 0.00091 µF, ± 2%(G), ± 5%(J) only
100VDC : For cap. value0.0001 to 0.00043 µF, ± 5%(J) only
100VDC : For cap. value0.00047 to 0.00091 µF, ± 2%(G),± 5%(J) only
Crimped
taping
Ammo
3
Crimped lead
style N
style T
W
sSpecifications
Dissipation factor
Withstand voltage
Insulation resistance
Capacitance tolerance
Category temp. range
Rated voltage
Capacitance range
Polypropylene Film Capacitor
with epoxy resin coating
sFeatures
Excellent temperature and frequency characteristics
Excellent long term stability
sRecommended Applications
Dolby circuits
Oscillation circuits
s
C <
= 0.33µF : 45000M
Ω min.
C > 0.33µF : 15000 M
Ω . µFmin.
± 1% ± 2% ± 5%
FG
J
50VDC 100VDC
1H
1
123456789
10
11
12
E
C
Q
P
Product code
Dielectric &
construction
Rated voltage
Capacitance
Z
Cap. Tol. Suffix
Suffix
123456789
10
11
12
E
C
Q
P
Product code
Dielectric &
construction
Rated voltage
Capacitance
R
Z
7.5mm
Crimped lead
Cap. Tol. Suffix
q
20˚C Rated volt.
60s
()
– 40 to + 85˚C(For a higher temperature than 70˚C, derating is required. see page7)
50VDC, 100VDC(Derating is required according to cap. value. see page7)
0.0001 to 0.47µF
0.1%max.(20˚C 1kHz)
Between terminals: Rated volt.(VDC) ! 250% 1 to 5s
Explanation of Part Numbers
NOTE: Straight lead not recommended
Explanation of Part Number for Odd Size Taping
Non-inductive construction using Polypropylene film
Type:
ECQP(Z)


Similar Part No. - ECQP1H392MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H392MZ PANASONIC-ECQP1H392MZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQP1H392MZ PANASONIC-ECQP1H392MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1H392MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com