Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEHZA1E331P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEHZA1E331P
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors / ZA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEHZA1E331P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEHZA1E331P Datasheet HTML 1Page - Panasonic Semiconductor EEHZA1E331P Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors / ZA
■ Standard Products
Endurance: 105 ℃ 10000 h
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(mΩ)
(pcs)
33
5
5.8
C
900
80
0.14
EEHZA1E330R
(5)
1000
56
6.3
5.8
D
1300
50
0.14
EEHZA1E560P
(5)
1000
100
6.3
7.7
D8
2000
30
0.14
EEHZA1E101XP
(5)
900
220
8
10.2
F
2300
27
0.14
EEHZA1E221P
(6)
500
330
10
10.2
G
2500
20
0.14
EEHZA1E331P
(6)
500
22
5
5.8
C
900
100
0.12
EEHZA1V220R
(5)
1000
27
6.3
5.8
D
1300
60
0.12
EEHZA1V270P
(5)
1000
47
6.3
5.8
D
1300
60
0.12
EEHZA1V470P
(5)
1000
68
6.3
7.7
D8
2000
35
0.12
EEHZA1V680XP
(5)
900
150
8
10.2
F
2300
27
0.12
EEHZA1V151P
(6)
500
270
10
10.2
G
2500
20
0.12
EEHZA1V271P
(6)
500
10
5
5.8
C
750
120
0.10
EEHZA1H100R
(5)
1000
22
6.3
5.8
D
1100
80
0.10
EEHZA1H220P
(5)
1000
33
6.3
7.7
D8
1600
40
0.10
EEHZA1H330XP
(5)
900
68
8
10.2
F
1800
30
0.10
EEHZA1H680P
(6)
500
100
10
10.2
G
2000
28
0.10
EEHZA1H101P
(6)
500
10
6.3
5.8
D
1000
120
0.08
EEHZA1J100P
(5)
1000
22
6.3
7.7
D8
1500
80
0.08
EEHZA1J220XP
(5)
900
33
8
10.2
F
1700
40
0.08
EEHZA1J330P
(6)
500
56
10
10.2
G
1800
30
0.08
EEHZA1J560P
(6)
500
22
8
10.2
F
1550
45
0.08
EEHZA1K220P
(6)
500
33
10
10.2
G
1700
36
0.08
EEHZA1K330P
(6)
500
Please refer to the page of "Reflow Profile" and "The Taping Dimensions".
· When requesting vibration-proof product, please put the last “V” instead to “P”
■ Frequency correction factor for ripple current
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS: compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+105 ℃)
E.S.R.
(100 kHz)
(+20 ℃)
tan δ
(120 Hz)
(+20 ℃)
Taping
EEE-3 -
25
35
50
63
80
Oct. 2014
0.1
0.12
0.2
0.3
0.5
1
2
3
5
10
15
20
30
40
50
100
300
500 1000
0.10 0.10 0.10 0.15 0.20 0.30 0.40 0.45 0.50 0.60 0.65 0.70 0.75 0.80 0.85 1.00 1.00 1.05 1.05
0.15 0.15 0.20 0.25 0.30 0.40 0.45 0.55 0.60 0.70 0.75 0.80 0.80 0.85 0.90 1.00 1.00 1.00 1.00
0.15 0.15 0.25 0.25 0.30 0.45 0.50 0.60 0.65 0.75 0.80 0.85 0.85 0.85 0.90 1.00 1.00 1.00 1.00
Correction
factor
47 ≦ C < 150
150 ≦ C
Capacitance (μF) Frequency (kHz)
C < 47


Similar Part No. - EEHZA1E331P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEHZA1E331P PANASONIC-EEHZA1E331P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1E331P PANASONIC-EEHZA1E331P Datasheet
60Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1E331P PANASONIC-EEHZA1E331P Datasheet
76Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
EEHZA1E331P PANASONIC-EEHZA1E331P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1E331P PANASONIC-EEHZA1E331P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
More results

Similar Description - EEHZA1E331P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEH-ZA1J560P PANASONIC-EEH-ZA1J560P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1E560P PANASONIC-EEH-ZA1E560P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1E330R PANASONIC-EEHZA1E330R Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEE-1HSR33SR PANASONIC-EEE-1HSR33SR Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1V470P PANASONIC-EEH-ZA1V470P Datasheet
60Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1J220XP PANASONIC-EEH-ZA1J220XP Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1H100R PANASONIC-EEH-ZA1H100R Datasheet
76Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com