Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKD3D472KBP Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECKD3D472KBP
Description  Ceramic Disc Capacitors (High Voltage) /KBP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKD3D472KBP Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECKD3D472KBP Datasheet HTML 1Page - Panasonic Semiconductor ECKD3D472KBP Datasheet HTML 2Page - Panasonic Semiconductor ECKD3D472KBP Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ceramic Disc Capacitors (High Voltage) /KBP
s Ratings and Characteristics
Note:
1. In straight lead types (bulk), dimensions “F” (lead spacing)” of 5.0mm is available
for rated “2 kVDC” and “3 kVDC” capacitors that are 11.0mm or less in the
diameter on special order.
2. In straight lead and taped types, dimensions “F (lead spacing)” of 5.0mm is
available for rated “2 kVDC” and “3 kVDC” capacitors that are 11.0mm or less in
the diameter on special order.
Nom.
Cap.
(pF)
Cap.
Tol.**
(%)
Dim. in mm
D
max.
T
max.
Dim. in mm
Taped
Type
Rated
Voltage
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
1 kVDC
7.5
7.5
7.5
7.5
7.5
7.5
8.0
9.0
9.5
10.0
11.0
11.0
12.5
14.5
14.5
16.0
17.0
18.5
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
ECKD3F101KBP
ECKD3F121KBP
ECKD3F151KBP
ECKD3F181KBP
ECKD3F221KBP
ECKD3F271KBP
ECKD3F331KBP
ECKD3F391KBP
ECKD3F471KBP
ECKD3F561KBP
ECKD3F681KBP
ECKD3F821KBP
ECKD3F102KBP
ECKD3F122KBP
ECKD3F152KBP
ECKD3F182KBP
ECKD3F222KBP
ECKD3F272KBP
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
10.0
±1.5
10.0
±1.5
10.0
±1.5
10.0
±1.5
10.0
±1.5
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
Part No.
Straight Lead Type (Bulk)
Dim. in mm
F
d
ECKZ3F101KBP
ECKZ3F121KBP
ECKZ3F151KBP
ECKZ3F181KBP
ECKZ3F221KBP
ECKZ3F271KBP
ECKZ3F331KBP
ECKZ3F391KBP
ECKZ3F471KBP
ECKZ3F561KBP
ECKZ3F681KBP
ECKZ3F821KBP
ECKZ3F102KBP
ECKZ3F122KBP
ECKZ3F152KBP
ECKZ3F182KBP
ECKZ3F222KBP
ECKZ3F272KBP
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z2
Z2
Z2
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
Part No.
Straight Lead Taped Type*
Taped
Type
Dim. in mm
F
d
ECKR3F101KBP
ECKR3F121KBP
ECKR3F151KBP
ECKR3F181KBP
ECKR3F221KBP
ECKR3F271KBP
ECKR3F331KBP
ECKR3F391KBP
ECKR3F471KBP
ECKR3F561KBP
ECKR3F681KBP
ECKR3F821KBP
ECKR3F102KBP
ECKR3F122KBP
ECKR3F152KBP
ECKR3F182KBP
ECKR3F222KBP
ECKR3F272KBP
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
Part No.
Crimped Lead Taped Type*
F
d
** Capacitance tolerance of
±5% is available on special order.
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ECKD3D472KBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKD3D472KBP PANASONIC-ECKD3D472KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECKD3D472KBP PANASONIC-ECKD3D472KBP Datasheet
51Kb / 3P
   High Voltage Ceramic Disc Capacitors Rated 1 to 3 kVDC, Temp. Char. Y5P
ECKD3D472KBP PANASONIC-ECKD3D472KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
More results

Similar Description - ECKD3D472KBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-D3A681KBP PANASONIC-ECK-D3A681KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECK-D3A102KBP PANASONIC-ECK-D3A102KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
logo
Vishay Siliconix
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
logo
TDK Electronics
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com