Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQB1H104 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQB1H104
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQB1H104 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQB1H104 Datasheet HTML 1Page - Panasonic Semiconductor ECQB1H104 Datasheet HTML 2Page - Panasonic Semiconductor ECQB1H104 Datasheet HTML 3Page - Panasonic Semiconductor ECQB1H104 Datasheet HTML 4Page - Panasonic Semiconductor ECQB1H104 Datasheet HTML 5Page - Panasonic Semiconductor ECQB1H104 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
Capacitance tolerance
(0.00010 µF to 0.00039 µF/50 V, 63 VDC
: ±10 % only)
±5 %(J), ±10 %(K)
Taping
lead
±5 % ±10 %
JK
50 VDC 63 VDC 100 VDC 200 VDC
1H
1J
1
2
Polyester Film Capacitor
Type:
ECQB(F)
Designed for high density insertion applications
IFeatures
Small in size
Excellent electric characteristics in non-inductive construction
RoHS directive compliant
IRecommended Applications
General purpose
IExplanation of Part Numbers
123456789
10
11
12
E
C
Q
B
Product code
Dielectric &
construction
Rated voltage
Capacitance
F
Cap. Tol. Suffix
Suffix
ISpecifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Dissipation factor (tan )
Withstand voltage
Insulation resistance (IR)
– 40 ˚C to + 105 ˚C
50 VDC, 63 VDC, 100 VDC, 200 VDC
(Derating of rated voltage by 2.5 %/˚C at more than 85 ˚C)
0.00010 µF to 0.47 µF
tan <
=0.8 % (ECQB(F)100 VDC : tan <
=1.0 %) (20 ˚C, 1 kHz)
Between terminals : Rated voltage(VDC) 250 %1 s to 5 s
C <
= 0.33 µF : IR>
=30000 M
20 ˚C, 50 VDC, 60 s : ECQB1H(F), ECQB1J(F)
C > 0.33 µF : IR>
=10000 M
Ω· µF 20 ˚C, 100 VDC, 60 s : ECQB1(F), ECQB2(F)
IDimensions in mm (not to scale)
Ammo
Reel
Straight Crimped Straight Crimped
4359
Type1
Type2
style N style T
Blank
W
E
C
Q
B
Product code
Dielectric &
construction
Rated voltage
Capacitance
R
F
7.5 mm
Crimped lead
Cap. Tol. Suffix
GExplanation of Prat Number for Odd Size Taping
(
)
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please
refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.


Similar Part No. - ECQB1H104

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQB1H104 PANASONIC-ECQB1H104 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQB1H104JF PANASONIC-ECQB1H104JF Datasheet
132Kb / 6P
   Plastic Film Capacitors
ECQB1H104KF PANASONIC-ECQB1H104KF Datasheet
132Kb / 6P
   Plastic Film Capacitors
ECQB1H104MF PANASONIC-ECQB1H104MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H104MF PANASONIC-ECQB1H104MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQB1H104

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com