Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP1H821MZ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECQP1H821MZ
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1H821MZ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECQP1H821MZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1H821MZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1H821MZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1H821MZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1H821MZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1H821MZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 100VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J)
Only ± 5 % (J) is available from 0.0001 to 0.00043 µF,Only ± 2 % (G),± 5 % (J) is available from 0.00047 to 0.00091µF
Part No.
ECQP1101JZ( )
ECQP1111JZ( )
ECQP1121JZ( )
ECQP1131JZ( )
ECQP1151JZ( )
ECQP1161JZ( )
ECQP1181JZ( )
ECQP1201JZ( )
ECQP1221JZ( )
ECQP1241JZ( )
ECQP1271JZ( )
ECQP1301JZ( )
ECQP1331JZ( )
ECQP1361JZ( )
ECQP1391JZ( )
ECQP1431JZ( )
ECQP1471MZ( )
ECQP1511MZ( )
ECQP1561MZ( )
ECQP1621MZ( )
ECQP1681MZ( )
ECQP1751MZ( )
ECQP1821MZ( )
ECQP1911MZ( )
ECQP1102MZ( )
ECQP1112MZ( )
ECQP1122MZ( )
ECQP1132MZ( )
ECQP1152MZ( )
ECQP1162MZ( )
ECQP1182MZ( )
ECQP1202MZ( )
ECQP1222MZ( )
ECQP1242MZ( )
ECQP1272MZ( )
ECQP1302MZ( )
ECQP1332MZ( )
ECQP1362MZ( )
ECQP1392MZ( )
ECQP1432MZ( )
ECQP1472MZ( )
ECQP1512MZ( )
ECQP1562MZ( )
ECQP1622MZ( )
ECQP1682MZ( )
0.0001
10.0
5.0
13.0
5.0
0.60
0.00011
10.0
5.0
13.0
5.0
0.60
0.00012
10.0
5.0
13.0
5.0
0.60
0.00013
10.0
5.0
13.0
5.0
0.60
0.00015
10.0
5.0
13.0
5.0
0.60
0.00016
10.0
5.0
13.0
5.0
0.60
0.00018
10.0
5.0
13.0
5.0
0.60
0.0002
10.0
5.0
13.0
5.0
0.60
0.00022
10.0
5.0
13.0
5.0
0.60
0.00024
10.0
5.0
13.0
5.0
0.60
0.00027
10.0
5.0
13.0
5.0
0.60
0.0003
10.0
5.0
13.0
5.0
0.60
0.00033
10.0
5.0
13.0
5.0
0.60
0.00036
10.0
5.0
13.0
5.0
0.60
0.00039
10.0
5.0
13.0
5.0
0.60
0.00043
10.0
5.0
13.0
5.0
0.60
0.00047
10.0
5.0
13.0
5.0
0.60
0.00051
10.0
5.0
13.0
5.0
0.60
0.00056
10.0
5.0
13.0
5.0
0.60
0.00062
10.0
5.0
13.0
5.0
0.60
0.00068
10.0
5.0
13.0
5.0
0.60
0.00075
10.0
5.0
13.0
5.0
0.60
0.00082
10.0
5.0
13.0
5.0
0.60
0.00091
10.0
5.0
13.0
5.0
0.60
0.001
10.0
5.0
13.0
5.0
0.60
0.0011
10.0
5.0
13.0
5.0
0.60
0.0012
10.0
5.0
13.0
5.0
0.60
0.0013
10.0
5.0
13.0
5.0
0.60
0.0015
10.0
5.0
13.0
5.0
0.60
0.0016
10.0
5.0
13.0
5.0
0.60
0.0018
10.0
5.0
13.0
5.0
0.60
0.002
10.0
5.0
13.0
5.0
0.60
0.0022
10.0
5.0
13.0
5.0
0.60
0.0024
10.0
5.0
13.0
5.0
0.60
0.0027
10.0
5.0
13.0
5.0
0.60
0.003
10.0
5.0
13.0
5.0
0.60
0.0033
10.0
5.0
13.0
5.0
0.60
0.0036
10.0
5.0
13.0
5.0
0.60
0.0039
10.0
5.0
13.0
5.0
0.60
0.0043
10.0
5.0
13.0
5.0
0.60
0.0047
10.0
5.0
13.0
5.0
0.60
0.0051
10.0
5.0
13.0
5.0
0.60
0.0056
10.0
5.0
13.0
5.0
0.60
0.0062
10.0
5.5
13.0
5.0
0.60
0.0068
10.0
5.5
13.0
5.0
0.60
Cap.
(µF)
Quantity
Ammo
1000
Dimensions (mm)
L max.
T max.
H max.
S
ød
StyleN:0.0001 to 0.0068 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1H821MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H821MZ PANASONIC-ECQP1H821MZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQP1H821MZ PANASONIC-ECQP1H821MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1H821MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com