Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ48A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P6SMBJ48A
Description  bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMBJ48A Datasheet(HTML) 2 Page - Diotec Semiconductor

  P6SMBJ48A Datasheet HTML 1Page - Diotec Semiconductor P6SMBJ48A Datasheet HTML 2Page - Diotec Semiconductor P6SMBJ48A Datasheet HTML 3Page - Diotec Semiconductor P6SMBJ48A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P6SMBJ5.0 ... P6SMBJ170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
bidir. = C / CA
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P6SMBJ5.0
5.0
800
6.4 *)
7.8 *)
10.3
58.3
P6SMBJ5.0A
5.0
800
6.4 *)
7.0 *)
9.2
65.2
P6SMBJ6.5
6.5
500
7.2 *)
8.8 *)
12.3
48.8
P6SMBJ6.5A
6.5
500
7.2 *)
8.0 *)
11.2
53.6
P6SMBJ7.0
7.0
200
7.8 *)
9.5 *)
13.3
45.1
P6SMBJ7.0A
7.0
200
7.8 *)
8.7 *)
12.0
50.0
P6SMBJ7.5
7.5
100
8.3
10.1
14.3
42.0
P6SMBJ7.5A
7.5
100
8.3
9.2
12.9
46.5
P6SMBJ8.0
8.0
50
8.9
10.9
15.0
40.0
P6SMBJ8.0A
8.0
50
8.9
9.9
13.6
44.1
P6SMBJ8.5
8.5
10
9.4
11.5
15.9
37.7
P6SMBJ8.5A
8.5
10
9.4
10.4
14.4
41.7
P6SMBJ9.0
9.0
5
10.0
12.2
16.9
35.5
P6SMBJ9.0A
9.0
5
10.0
11.1
15.4
39.0
P6SMBJ10
10
5
11.1
13.5
18.8
31.9
P6SMBJ10A
10
5
11.1
12.3
17.0
35.3
P6SMBJ11
11
5
12.2
14.9
20.1
29.9
P6SMBJ11A
11
5
12.2
13.5
18.2
33.0
P6SMBJ12
12
5
13.3
16.2
22.0
27.3
P6SMBJ12A
12
5
13.3
14.8
19.9
30.2
P6SMBJ13
13
5
14.4
17.6
23.8
25.2
P6SMBJ13A
13
5
14.4
16.0
21.5
27.9
P6SMBJ14
14
5
15.6
19.0
25.8
23.3
P6SMBJ14A
14
5
15.6
17.3
23.2
25.9
P6SMBJ15
15
5
16.7
20.4
26.9
22.3
P6SMBJ15A
15
5
16.7
18.6
24.4
24.6
P6SMBJ16
16
5
17.8
21.7
28.8
20.8
P6SMBJ16A
16
5
17.8
19.8
26.0
23.1
P6SMBJ17
17
5
18.9
23.1
30.5
19.7
P6SMBJ17A
17
5
18.9
21.0
27.6
21.7
P6SMBJ18
18
5
20.0
24.4
32.2
18.6
P6SMBJ18A
18
5
20.0
22.2
29.2
20.5
P6SMBJ20
20
5
22.2
27.1
35.8
16.8
P6SMBJ20A
20
5
22.2
24.6
32.4
18.5
P6SMBJ22
22
5
24.4
29.8
39.4
15.2
P6SMBJ22A
22
5
24.4
27.1
35.5
16.9
P6SMBJ24
24
5
26.7
32.6
43.0
14.0
P6SMBJ24A
24
5
26.7
29.6
38.9
15.4
P6SMBJ26
26
5
28.9
35.3
46.6
12.9
P6SMBJ26A
26
5
28.9
32.1
42.1
14.3
P6SMBJ28
28
5
31.1
37.9
50.0
12.0
P6SMBJ28A
28
5
31.1
34.5
45.4
13.2
P6SMBJ30
30
5
33.3
40.1
53.5
11.2
P6SMBJ30A
30
5
33.3
36.9
48.4
12.4
P6SMBJ33
33
5
36.7
44.8
59.0
10.2
P6SMBJ33A
33
5
36.7
40.7
53.3
11.3
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - P6SMBJ48A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ48A PANJIT-P6SMBJ48A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ48A CHENG-YI-P6SMBJ48A Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ48A SURGE-P6SMBJ48A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Frontier Electronics.
P6SMBJ48A FRONTIER-P6SMBJ48A Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ48A TRSYS-P6SMBJ48A Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ48A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
   bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
logo
Digitron Semiconductors
1N6036 DIGITRON-1N6036 Datasheet
297Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com