Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA220 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P4SMA220
Description  Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMA220 Datasheet(HTML) 2 Page - Diotec Semiconductor

  P4SMA220 Datasheet HTML 1Page - Diotec Semiconductor P4SMA220 Datasheet HTML 2Page - Diotec Semiconductor P4SMA220 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P4SMA220 ... P4SMA550CA
Maximum ratings
Grenzwerte
Type
Typ
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
bidir. = C / CA
VBR [V]
VWM [V]
ID [µA]
VC [V]
IPPM [A]
P4SMAJ5.0 ... P4SMAJ170CA VBR = 7.2 ... 200V
P4SMA220
220 ± 10%
198...242
175
5
344
1.2
P4SMA220A
220 ± 5%
209...231
185
5
328
1.2
P4SMA250
250 ± 10%
225...275
202
5
360
1.1
P4SMA250A
250 ± 5%
237...263
214
5
344
1.2
P4SMA300
300 ± 10%
270...330
243
5
430
0.93
P4SMA300A
300 ± 5%
285...315
256
5
414
0.97
P4SMA350
350 ± 10%
315...385
284
5
504
0.79
P4SMA350A
350 ± 5%
332...368
300
5
482
0.83
P4SMA400
400 ± 10%
360...440
324
5
574
0.70
P4SMA400A
400 ± 5%
380...420
342
5
548
0.73
P4SMA440
440 ± 10%
396...484
356
5
631
0.63
P4SMA440A
440 ± 5%
418...462
376
5
602
0.66
P4SMA480
480 ± 10%
432...528
388
5
686
0.58
P4SMA480A
480 ± 5%
456...504
408
5
658
0.61
P4SMA530
530 ± 10%
477...583
429
5
764
0.52
P4SMA530A
530 ± 5%
503...556
477
5
729
0.55
P4SMA550
550 ± 10%
495...605
445
5
793
0.50
P4SMA550A
550 ± 5%
522...577
495
5
760
0.53
TVS diodes having stand-off voltage VWM = 5.0 ... 170 V:
please refer to datasheet P4SMAJ65
TVS-Dioden mit Sperrspannung VWM = 5.0 ... 170 V:
siehe Datenblatt P4SMAJ65
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - P4SMA220

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMA220 DIOTEC-P4SMA220 Datasheet
135Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P4SMA220 PANJIT-P4SMA220 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA220 PANJIT-P4SMA220 Datasheet
173Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - P4SMA220

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMC220 DIOTEC-1.5SMC220 Datasheet
77Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0 Datasheet
86Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_11 Datasheet
145Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_07 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_07 Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com