Electronic Components Datasheet Search |
|
PE-64952 Datasheet(PDF) 7 Page - Pulse A Technitrol Company |
|
PE-64952 Datasheet(HTML) 7 Page - Pulse A Technitrol Company |
7 / 9 page US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com T1/CEPT/ISDN-PRI TRANSFORMERS Application Notes NOTES FROM TABLES (pages 1 through 6): A. Toleranced leakage inductance: .30 µH min to .55 µH MAX. B. OCL (primary inductance) and LL (leakage inductance) are measured at the primary winding. Turns ratio is specified primary: secondary. (CT = Center Tap; CS = Split Center Tap). C. To make a 1CT:1 ratio from a 1CT:2CT ratio, use only one half of the secondary (2CT) winding. D. For Reinforced 3kVrms Dual SMT Transformers, refer to data sheet T617. For Quad SMT Transformers refer to data sheet T615. For Octal SMT Transformers refer to data sheet T622. E. Dual Ratio Transformers — These transformers have tapped secondary windings to provide two turns ratios (T/R). Use the entire primary winding and connect the sec- ondary pins listed below to obtain the desired turns ratio: Part Turns Secondary Turns Secondary Number Ratio 1 Pins Ratio 2 Pins PE-65837 1:1.08 3-5 1:1.36 1 - 5 PE-65839 1:1 3-5 1:1.26 1 - 5 PE-65866 1:1 2-3 1:1.26 1 - 3 PE-68646 1:1.58 3-5 1:2 1 - 5 PE-65389 1:1 3-5 1:1.26 1 - 5 PE-65566 1:1 2-3 1:1.26 1 - 3 PE-65568 1:1 2-3 1:1.26 1 - 3 PE-68866 1:1 2-3 1:1.26 1 - 3 PE-68826 1:1 2-3 1:1.26 1 - 3 PE-68664 1:1 3-5 1:1.26 1 - 5 PE-68836 1:1 2-3/5-6 1:1.26 1-3/4-6 F. Standard packaging for surface mount “AN” and “LA” pack- ages is anti-static tubes. Optional tray packaging can be ordered by adding “R” suffix to the part number, (i.e. PE- 65857R). Optional Tape & Reel packaging can be ordered by adding “T” suffix to the part number, (i.e. PE-65857T). G. PE-64931 and PE-65351 are electrically equivalent, but have different schematics. PE-65351 is both UL 1459 and BABT recognized and is recommended for new designs because the 3S schematic provides greater physical sepa- ration between the primary and secondary pins. H. PE-68618 and PE-64950: The fault locate winding is (7-8). I. Safety Agency approvals pending. J. The turns ratio of these devices have been designed, in conjunction with semiconductor vendor recommendations, to allow connections to various terminations (e.g. 75 or 120 Ω with the same transformer). For example T1075 can be used with the Siemens PEB 2235 to achieve connection to the 75 or 120 Ω cable. For 75 Ω termination, the PEB 2235 requires the following turns ratio: 1:1.57 (Tx) and 1:1.26 (Rx) which can be achieved using pins (1-2):(15-16) for Tx and (10-11):(5-8) for Rx. For 120 Ω, the following turns ratio are required: 1:2 (Tx) and 1:1 (Rx), which are pins (1- 2):(16-14) for Tx and (9-11):(5-8) for Rx on the T1075. 1. Extended Temperature Range Models — For extended temperature range transformers (-40°C to +85°C operating temperature range), OCL (Open Circuit Inductance for the primary winding) is specified at both -40°C and +25°C. At -40°C, OCL is 600 µH minimum for all low temperature models with the exception of PE-68827 which is 800 µH minimum and PE-65836 which is 300 µH minimum. All other parameters are specified at +25°C only. Standard temperature range is 0°C to +70°C. 2. ET Product — All coils have an ET product of 10 V-µsec minimum. 3. Flammability — Materials used in the products are recognized as UL94-VO approved. Products meet the requirements of IEC 695-2-2 (Needle Flame Test). 4. Balance Characteristics — The transformers meet the requirements for lon- gitudinal balance of FCC part 68. 5. Common Mode Rejection Ratio — the CMRR for all transformers is better than 50 dB at 1 MHz. A typical test circuit is shown below. 6. Crosstalk Attenuation — In the dual packages, which contain transmit and receive transformers side by side, sufficient crosstalk attenuation is achieved by the inherent characteristics of the toroid cores as well as by their proper positioning. The crosstalk attenuation is typically 50 dB or better from 100 KHz to 10 MHz. This result was established with the test circuit shown below. 7. Return Loss — ITU-T G.703 and European national regulatory documents specify minimum return loss levels. The transformers will allow these limits to be complied within the situations where they are applicable. Frequency 50-100 KHz 100 KHz-2 MHz 2-3 MHz Return Loss XMIT 9 dB 15 dB 11 dB REC 12 dB 18 dB 14 dB 8. Surge Voltage Capability – All transformers and chokes meet surge voltage tests according to the most stringent regulatory documents when system designs include the proper voltage and current suppression devices: Metallic Voltage: 800 V peak, 10/560 µsec Longitudinal Voltage: 2,400 V peak, 10/700 µsec 9. Isolation Voltage — 100% of transformers are tested during production to the specified isolation voltage level. 10. Safety Agency Recognition — Parts listed as "Recognized" or "Certified" meet Underwriter Laboratories, UL 1459 and UL 1950 per file E133523 (S). British Approvals Board for Telecommunications BABT BS 6301:1989/BS 415 and BS EN 41003:1991/EN 60 950, supple- mentary insulation. CR/0091 PE-64933 PE-65351 PE-65558 PE-68600 PE-64934 PE-65363 PE-65586 PE-68644 PE-64936 PE-65379 PE-65755 PE-68645 PE-64937 PE-65388 PE-65770 PE-68664 PE-64943 PE-65389 PE-65771 PE-65340 PE-65415 PE-65778 Transformers with Reinforced Insulation according to IEC950 series PE-68630—PE-68788 (page 3) are certified by the following organizations: Code Certificate Information C CSA, C22.2 #950 & #225, Cert. LR 76802-3, reinforced insulation. T TÜV, EN 60 950/EN 41003, Cert. R9371358, reinforced insulation. U UL 1459/UL1950, File E133523 (S), reinforced insulation. B BABT EN41003/EN60950, Cert. CR0079, reinforced insulation. (Note: Safety Agency approval of surface mount transformers is pending.) 11. General Information — The transformers are specifically designed for use in 1.544 Mbps (T1), 2.048 Mbps (CEPT) and ISDN Primary rate (PRI) inter- face applications. They are matched to the majority of the line interface transceiver ICs currently available. Use of the proper transformer allows the interface circuit to comply with ITU-T G.703 and other standards regarding pulse waveform, return loss, and balance. 12. Common Mode Chokes — The “high-frequency” 4-lines common mode chokes shown in this data sheet provide an effective means of compliance with national and international regulations on EMI. They are designed to be used in conjunction with Pulse’s T1/CEPT transformers as shown in the typical appli- cation below. Crosstalk is typically -70 dB at 1 MHz and -55 dB at 10 MHz. HP-8751A P1 P2 50:100 BALUN 100:50 BALUN XFMR 50:100 BALUN 100:50 BALUN XFMR HP-8751A P1 P2 100 100 IC XMiT Transformer RCVE Choke Choke Transformer IC RCVE XMIT Typical Application 7 T608.R (11/04) |
Similar Part No. - PE-64952 |
|
Similar Description - PE-64952 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |