Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUAN1919-KM407P5-36613 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # XUAN1919-KM407P5-36613
Description  36V/13W series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1919-KM407P5-36613 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  XUAN1919-KM407P5-36613 Datasheet HTML 1Page - Everlight Electronics Co., Ltd XUAN1919-KM407P5-36613 Datasheet HTML 2Page - Everlight Electronics Co., Ltd XUAN1919-KM407P5-36613 Datasheet HTML 3Page - Everlight Electronics Co., Ltd XUAN1919-KM407P5-36613 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1919-KM407P5-36613 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1919-KM407P5-36613 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1919-KM407P5-36613 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1919-KM407P5-36613 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1919-KM407P5-36613 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DATASHEET
XUAN1919
36V/13W Series
5
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.12.2013. Issue No: DHE-0002299 Rev:3
www.everlight.com
PN of the XUAN1919 Series : White LEDs
Color
Order Code of XUAN1919
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
CCT (K)
Forward
Voltage
(V)
Forward
Current
(mA)
CRI
(min.)
XUAN1919-KM277P4-36613-3E0T
1200
1495
27K-1~27K-4
33.0~41.0
360
80
XUAN1919-KM307P5-36613-3E0T
1350
1570
30K-1~30K-4
33.0~41.0
360
80
XUAN1919-KM357P5-36613-3E0T
1350
1615
35K-1~35K-4
33.0~41.0
360
80
XUAN1919-KM407P5-36613-3E0T
1350
1660
40K-1~40K-4
33.0~41.0
360
80
XUAN1919-KM457P6-36613-3E0T
1500
1685
45K-1~45K-4
33.0~41.0
360
80
XUAN1919-KT507P6-36613-3E0T
1500
1715
50K-1~50K-4
33.0~41.0
360
80
XUAN1919-KT577P6-36613-3E0T
1500
1730
57K-1~57K-4
33.0~41.0
360
80
XUAN1919-KT657P6-36613-3E0T
1500
1730
65K-1~65K-4
33.0~41.0
360
80
Notes:
1.
CRI measurement tolerance: ±2.
2.
Luminous flux measurement tolerance: ±10%.
3.
The data of luminous flux measured at thermal pad=25
4.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet.
Warm
White
3000
Warm
White
2700
Warm
White
3500
Neutral
White
4000
Neutral
White
4500
Cool
White
5000
Cool
White
5700
Cool
White
6500


Similar Part No. - XUAN1919-KM407P5-36613

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1919-KM407P4-36510 EVERLIGHT-XUAN1919-KM407P4-36510 Datasheet
1Mb / 24P
   36V/8W series
XUAN1919-KM407P8-36817 EVERLIGHT-XUAN1919-KM407P8-36817 Datasheet
897Kb / 24P
   36V/17W series
More results

Similar Description - XUAN1919-KM407P5-36613

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1919-KM307P5-36613 EVERLIGHT-XUAN1919-KM307P5-36613 Datasheet
786Kb / 24P
   36V/13W series
XUAN1919-KM457P6-36613 EVERLIGHT-XUAN1919-KM457P6-36613 Datasheet
786Kb / 24P
   36V/13W series
XUAN1919-KM277P4-36613 EVERLIGHT-XUAN1919-KM277P4-36613 Datasheet
786Kb / 24P
   36V/13W series
XUAN1919-KM357P5-36613 EVERLIGHT-XUAN1919-KM357P5-36613 Datasheet
786Kb / 24P
   36V/13W series
XUAN1919-KT507P6-36613 EVERLIGHT-XUAN1919-KT507P6-36613 Datasheet
786Kb / 24P
   36V/13W series
XUAN1919-KT577P6-36613 EVERLIGHT-XUAN1919-KT577P6-36613 Datasheet
786Kb / 24P
   36V/13W series
GXUAN EVERLIGHT-GXUAN Datasheet
924Kb / 21P
   36V/13W V3 series
logo
XFMRS Inc.
XF0376-EFD15S XFMRS-XF0376-EFD15S Datasheet
45Kb / 1P
   13W PoE
XF0376-EFD15S XFMRS-XF0376-EFD15S_15 Datasheet
45Kb / 1P
   13W POE
logo
Everlight Electronics C...
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com