Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSC119 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HSC119
Description  Silicon Epitaxial Planar Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSC119 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HSC119 Datasheet HTML 1Page - Hitachi Semiconductor HSC119 Datasheet HTML 2Page - Hitachi Semiconductor HSC119 Datasheet HTML 3Page - Hitachi Semiconductor HSC119 Datasheet HTML 4Page - Hitachi Semiconductor HSC119 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HSC119
Silicon Epitaxial Planar Diode for High Speed Switching
ADE-208-615 (Z)
Rev 0
Apr. 1998
Features
• Low capacitance. (C=2.0pF max)
• Short reverse recovery time. (t
rr =3.0ns max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HSC119
H1
UFP
Outline
12
H1
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HSC119

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSC119 RENESAS-HSC119 Datasheet
54Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Guangdong Kexin Industr...
HSC119 KEXIN-HSC119 Datasheet
695Kb / 2P
   High Speed Switching Diodes
logo
Renesas Technology Corp
HSC119TRF-E RENESAS-HSC119TRF-E Datasheet
167Kb / 7P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results

Similar Description - HSC119

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSM2838C HITACHI-HSM2838C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S HITACHI-HSB124S Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSU119 HITACHI-HSU119 Datasheet
26Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSM124S RENESAS-HSM124S Datasheet
65Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com