Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP6681GMT-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP6681GMT-HF
Description  Low On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6681GMT-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP6681GMT-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6681GMT-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6681GMT-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6681GMT-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-20A
-
2.7
3.1
VGS=-4.5V, ID=-20A
-
3.9
4.6
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-1.45
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-20A
-
66
-
S
IDSS
Drain-Source Leakage Current
VDS=-24V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=-20A
-
94
150
nC
Qgs
Gate-Source Charge
VDS=-15V
-
25
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
38
-
nC
td(on)
Turn-on Delay Time
VDS=-15V
-
20
-
ns
tr
Rise Time
ID=-1A
-
14
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-
210
-
ns
tf
Fall Time
VGS=-10V
-
84
-
ns
Ciss
Input Capacitance
VGS=0V
-
13800 22080
pF
Coss
Output Capacitance
VDS=-15V
-
1060
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
800
-
pF
Rg
Gate Resistance
f=1.0MHz
-
2.7
5.4
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=-20A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-10A, VGS=0V,
-
45
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
50
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 60oC/W at steady state.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
AP6681GMT-HF


Similar Part No. - AP6681GMT-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6681GMT-HF A-POWER-AP6681GMT-HF_16 Datasheet
104Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP6681GMT-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com