Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRC0103 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HRC0103
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HRC0103 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HRC0103 Datasheet HTML 1Page - Hitachi Semiconductor HRC0103 Datasheet HTML 2Page - Hitachi Semiconductor HRC0103 Datasheet HTML 3Page - Hitachi Semiconductor HRC0103 Datasheet HTML 4Page - Hitachi Semiconductor HRC0103 Datasheet HTML 5Page - Hitachi Semiconductor HRC0103 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HRC0103A
3
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
010
20
30
40
50
10
-6
10
-3
10
-5
10
-4
10
-2
1.0
Ta=25°C
10
-1
Ta=75°C
10
-7
10
-5
10
-6
10
-2
10
-3
10
-4
Ta=75°C
Ta=25°C
0.5
0.4
0.3
0.2
0.1
40
30
20
10
0
0
t
T
0V
D= \
T
t
Tj =125°C
0.6
D=1/2
D=2/3
D=5/6
0.12
0.10
0.08
0.06
0
0.04
DC
D=1/2
D=1/3
D=1/6
t
T
0A
D= \
T
t
0.02
0
Tj =25°C
0.02
0.04
0.06
0.08
0.10
Sin( ˘=180°)
Sin( ˘=180°)
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
Forward voltage V (V)
F
Pulse test
Reverse voltage V (V)
R
Pulse test
Fig.4 Reverse power dissipation Vs. Reverse voltage
Reverse voltage V
R @
(V)
Forward current I F (A)
Fig.3 Forward power dissipation Vs. Forward current


Similar Part No. - HRC0103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HRC0103A RENESAS-HRC0103A Datasheet
68Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0103C RENESAS-HRC0103C Datasheet
128Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0103C RENESAS-HRC0103C Datasheet
83Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0103C RENESAS-HRC0103C_08 Datasheet
83Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - HRC0103

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com