Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X24256TI Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HN58X24256TI
Description  Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X24256TI Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HN58X24256TI Datasheet HTML 1Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 2Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 3Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 4Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 5Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 6Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 7Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 8Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
HN58X24128I/HN58X24256I
Two-wire serial interface
128k EEPROM (16-kword
× 8-bit)
256k EEPROM (32-kword
× 8-bit)
ADE-203-1029B (Z)
Rev. 2.0
Nov. 26, 1999
Description
HN58X24xxx series are two-wire serial interface EEPROM (Electrically Erasable and Programmable
ROM). They realize high speed, low power consumption and a high level of reliability by employing
advanced MNOS memory technology and CMOS process and low voltage circuitry technology. They also
have a 64-byte page programming function to make their write operation faster.
Note:
Hitachi’s serial EEPROM are authorized for using consumer applications such as cellular phone,
camcorders, audio equipment.
Therefore, please contact Hitachi’s sales office before using
industrial applications such as automotive systems, embedded controllers, and meters.
Features
• Single supply: 1.8 V to 5.5 V
• Two-wire serial interface (I2CTM serial bus*1)
• Clock frequency: 400 kHz
• Power dissipation:
 Standby: 3 µA (max)
 Active (Read): 1 mA (max)
 Active (Write): 5 mA (max)
• Automatic page write: 64-byte/page
• Write cycle time: 10 ms (2.7 V to 5.5 V)/15 ms (1.8 V to 2.7 V)
• Endurance: 105 Cycles (Page write mode)
• Data retention: 10 Years


Similar Part No. - HN58X24256TI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24256TIE RENESAS-HN58X24256TIE Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
More results

Similar Description - HN58X24256TI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG Datasheet
79Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG_15 Datasheet
111Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_12 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com