Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58V257AT-12 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HN58V257AT-12
Description  256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58V257AT-12 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HN58V257AT-12 Datasheet HTML 1Page - Hitachi Semiconductor HN58V257AT-12 Datasheet HTML 2Page - Hitachi Semiconductor HN58V257AT-12 Datasheet HTML 3Page - Hitachi Semiconductor HN58V257AT-12 Datasheet HTML 4Page - Hitachi Semiconductor HN58V257AT-12 Datasheet HTML 5Page - Hitachi Semiconductor HN58V257AT-12 Datasheet HTML 6Page - Hitachi Semiconductor HN58V257AT-12 Datasheet HTML 7Page - Hitachi Semiconductor HN58V257AT-12 Datasheet HTML 8Page - Hitachi Semiconductor HN58V257AT-12 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
HN58V256A Series, HN58V257A Series
3
Pin Description
Pin name
Function
A0 to A14
Address input
I/O0 to I/O7
Data input/output
OE
Output enable
CE
Chip enable
WE
Write enable
V
CC
Power supply
V
SS
Ground
RDY/
Busy*
1
Ready busy
RES*
1
Reset
NC
No connection
Note:
1. This function is supported by only the HN58V257A series.
Block Diagram
Note: 1. This function is supported by only the HN58V257A series.
V
V
OE
CE
A5
A0
A6
A14
WE
CC
SS
I/O0
I/O7
High voltage generator
Control logic and timing
Y decoder
X decoder
Address
buffer and
latch
I/O buffer
and
input latch
Y gating
Memory array
Data latch
RES
RDY/
Busy
RES
*1
*1
*1
to
to
to


Similar Part No. - HN58V257AT-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V257AT-12 RENESAS-HN58V257AT-12 Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V257AT-12E RENESAS-HN58V257AT-12E Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
More results

Similar Description - HN58V257AT-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
logo
Hitachi Semiconductor
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
logo
Hitachi Semiconductor
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com