Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2402SI Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HN58X2402SI
Description  Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2402SI Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HN58X2402SI Datasheet HTML 3Page - Hitachi Semiconductor HN58X2402SI Datasheet HTML 4Page - Hitachi Semiconductor HN58X2402SI Datasheet HTML 5Page - Hitachi Semiconductor HN58X2402SI Datasheet HTML 6Page - Hitachi Semiconductor HN58X2402SI Datasheet HTML 7Page - Hitachi Semiconductor HN58X2402SI Datasheet HTML 8Page - Hitachi Semiconductor HN58X2402SI Datasheet HTML 9Page - Hitachi Semiconductor HN58X2402SI Datasheet HTML 10Page - Hitachi Semiconductor HN58X2402SI Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
HN58X2402SI/HN58X2404SI
7
Pin Function
Serial Clock (SCL)
The SCL pin is used to control serial input/output data timing. The SCL input is used to positive edge
clock data into EEPROM device and negative edge clock data out of each device. Maximum clock rate is
400 kHz.
Serial Input/Output data (SDA)
The SDA pin is bidirectional for serial data transfer. The SDA pin needs to be pulled up by resistor as that
pin is open-drain driven structure. Use proper resistor value for your system by considering V
OL, IOL and
the SDA pin capacitance. Except for a start condition and a stop condition which will be discussed later,
the SDA transition needs to be completed during SCL low period.
Data Validity (SDA data change timing waveform)
SCL
SDA
Data
change
Data
change
Note:
High-to-low and low-to-high change of SDA should be done during SCL low periods.


Similar Part No. - HN58X2402SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
More results

Similar Description - HN58X2402SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word x 8-bit)
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I_15 Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
R1EV24002ASAS0I RENESAS-R1EV24002ASAS0I_15 Datasheet
404Kb / 17P
   Two-wire serial interface 2k EEPROM (256-word ??8-bit)
R1EX24004ASAS0G RENESAS-R1EX24004ASAS0G_15 Datasheet
498Kb / 18P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_10 Datasheet
796Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com