Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58V256AT-12 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HN58V256AT-12
Description  256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58V256AT-12 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HN58V256AT-12 Datasheet HTML 2Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 3Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 4Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 5Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 6Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 7Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 8Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 9Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HN58V256A Series, HN58V257A Series
6
Capacitance (Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance*
1
Cin
6
pF
Vin = 0 V
Output capacitance*
1
Cout
12
pF
Vout = 0 V
Note:
1. This parameter is periodically sampled and not 100% tested.
AC Characteristics (Ta = 0 to +70°C, V
CC = 2.7 to 5.5 V)
Test Conditions
• Input pulse levels: 0.4 V to 2.4 V (V
CC
3.6V), 0.4V to 3.0 V (V
CC > 3.6 V)
0 V to V
CC (RES pin*
2)
• Input rise and fall time: ≤ 5 ns
• Input timing reference levels: 0.8, 1.8 V
• Output load: 1TTL Gate +100 pF
• Output reference levels: 1.5 V, 1.5 V
Read Cycle
HN58V256A/HN58V257A
-12
Parameter
Symbol
Min
Max
Unit
Test conditions
Address to output delay
t
ACC
120
ns
CE = OE = V
IL, WE = VIH
CE to output delay
t
CE
120
ns
OE = V
IL, WE = VIH
OE to output delay
t
OE
10
60
ns
CE = V
IL, WE = VIH
Address to output hold
t
OH
0—
ns
CE = OE = V
IL, WE = VIH
OE (CE) high to output float*
1
t
DF
040
ns
CE = V
IL, WE = VIH
RES low to output float*
1, 2
t
DFR
0
350
ns
CE = OE = V
IL, WE = VIH
RES to output delay*
2
t
RR
0
600
ns
CE = OE = V
IL, WE = VIH


Similar Part No. - HN58V256AT-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V256AT-12 RENESAS-HN58V256AT-12 Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V256AT-12E RENESAS-HN58V256AT-12E Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
More results

Similar Description - HN58V256AT-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
logo
Hitachi Semiconductor
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
logo
Hitachi Semiconductor
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com