Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUAN1313-KT657N9-36306 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # XUAN1313-KT657N9-36306
Description  36V/6W series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1313-KT657N9-36306 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  XUAN1313-KT657N9-36306 Datasheet HTML 1Page - Everlight Electronics Co., Ltd XUAN1313-KT657N9-36306 Datasheet HTML 2Page - Everlight Electronics Co., Ltd XUAN1313-KT657N9-36306 Datasheet HTML 3Page - Everlight Electronics Co., Ltd XUAN1313-KT657N9-36306 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1313-KT657N9-36306 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1313-KT657N9-36306 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1313-KT657N9-36306 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1313-KT657N9-36306 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1313-KT657N9-36306 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DATASHEET
XUAN1313
36V/6W Series
3
Copyright © 2013, Everlight All Rights Reserved. Release Date:November.27.2013. Issue No: DHE-0002281 Rev:3
www.everlight.com
Product Nomenclature
The product name is designated as below:
XUAN1313-CDEFGHJ-KLMNP-QRST
Family name
XUAN1313
Designation:
CD = lighting color and wavelength [1]
EF = color bin or CCT bin
G = internal code
HJ = min. luminous flux (lm) or radiation power (mW) performance
KL = forward voltage bin[2]
M = internal code
NP = power consumption[3]
Q= internal code
R= Dam Diameter[4]
S= internal code
T=Type of Package[5]
Notes
1.
Table of lighting color and wavelength
Symbol
Color
CCT range
Color Rendering Index
GT
Cool-White
4745~7050K
>65
KT
Cool-White
4745~7050K
>80
LM
Warm-White
2580~3710K
>70
Neutral-White
3710~4745K
KM
Warm White
2580~3710K
>80
Neutral-White
3710~4745K
2.
Table of forward voltage bin
Symbol
Description
36
36V Input Voltage
3.
Power consumption:
Symbol
Description
6
6W
4.
Dam Diameter:
Symbol
Description
9
9.0-9.9mm
5.
Table of packaging types:
Symbol
Description
T
Tray


Similar Part No. - XUAN1313-KT657N9-36306

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KT657N3-36204 EVERLIGHT-XUAN1313-KT657N3-36204 Datasheet
1Mb / 24P
   36V/4W series
More results

Similar Description - XUAN1313-KT657N9-36306

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KM457N8-36306 EVERLIGHT-XUAN1313-KM457N8-36306 Datasheet
825Kb / 24P
   36V/6W series
GXUAN1313 EVERLIGHT-GXUAN1313 Datasheet
925Kb / 21P
   36V/6W V3 series
XUAN1313-KM307N7-36306 EVERLIGHT-XUAN1313-KM307N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM277N7-36306 EVERLIGHT-XUAN1313-KM277N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM357N8-36306 EVERLIGHT-XUAN1313-KM357N8-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
logo
Emerson Network Power
ASA EMERSON-NETWORKPOWER-ASA Datasheet
128Kb / 2P
   ASA 6W Series
logo
Everlight Electronics C...
XUAN1313-KT507N3-36204 EVERLIGHT-XUAN1313-KT507N3-36204 Datasheet
1Mb / 24P
   36V/4W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com