Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUAN1313-KM357P1-36408 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # XUAN1313-KM357P1-36408
Description  XUAN 1313 36V/8W series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1313-KM357P1-36408 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  XUAN1313-KM357P1-36408 Datasheet HTML 1Page - Everlight Electronics Co., Ltd XUAN1313-KM357P1-36408 Datasheet HTML 2Page - Everlight Electronics Co., Ltd XUAN1313-KM357P1-36408 Datasheet HTML 3Page - Everlight Electronics Co., Ltd XUAN1313-KM357P1-36408 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1313-KM357P1-36408 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1313-KM357P1-36408 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1313-KM357P1-36408 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1313-KM357P1-36408 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1313-KM357P1-36408 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DATASHEET
XUAN1313
36V/8W Series
4
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.10.2013. Issue No: DHE-0002296 Rev:3
www.everlight.com
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Max. DC Forward Current (mA) [4],[5]
IF
480
mA
Max. Pulse Forward Current (mA)
IP
720
mA
Power Dissipation
Pd
19
W
Thermal Resistance
Rth
1.5
°C/W
Max. Junction Temperature
TJ
120
°C
Operating Temperature[4],[5]
TOpr
-40 ~ +85
°C
Storage Temperature
TStg
-40 ~ +85
°C
Notes:
1.
For optimal performance, Everlight recommends 240mA operation.
2.
tp
≦100ms, Duty cycle = 25%
3.
The XUAN1313 36V/8W series LEDs are not designed for reverse bias use.
4.
Power dissipation and forward current are the value when the module temperature is set lower than the rating by
using an adequate heat sink.
5.
Tb
= 25 ℃
1
2
Tb
Tb
Tb
Tb
TTTTjjjj
Measuring point for
case temperature
Rth
Rth
Rth
Rth


Similar Part No. - XUAN1313-KM357P1-36408

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KM357N2-36204 EVERLIGHT-XUAN1313-KM357N2-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM357N8-36306 EVERLIGHT-XUAN1313-KM357N8-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
More results

Similar Description - XUAN1313-KM357P1-36408

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KM277P1-36408 EVERLIGHT-XUAN1313-KM277P1-36408 Datasheet
1Mb / 24P
   XUAN 1313 36V/8W series
XUAN1313-KM307P1-36408 EVERLIGHT-XUAN1313-KM307P1-36408 Datasheet
1Mb / 24P
   XUAN 1313 36V/8W series
XUAN1313-KM307N7-36306 EVERLIGHT-XUAN1313-KM307N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM277K9-36204 EVERLIGHT-XUAN1313-KM277K9-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM277N7-36306 EVERLIGHT-XUAN1313-KM277N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM307N1-36204 EVERLIGHT-XUAN1313-KM307N1-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM357N2-36204 EVERLIGHT-XUAN1313-KM357N2-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM357N8-36306 EVERLIGHT-XUAN1313-KM357N8-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM407P1-36408 EVERLIGHT-XUAN1313-KM407P1-36408 Datasheet
1Mb / 24P
   36V/8W series
XUAN1919-KT577P4-36510 EVERLIGHT-XUAN1919-KT577P4-36510 Datasheet
1Mb / 24P
   36V/8W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com