Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJNA1R0F Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJNA1R0F
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNA1R0F Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ELJNA1R0F Datasheet HTML 1Page - Panasonic Semiconductor ELJNA1R0F Datasheet HTML 2Page - Panasonic Semiconductor ELJNA1R0F Datasheet HTML 3Page - Panasonic Semiconductor ELJNA1R0F Datasheet HTML 4Page - Panasonic Semiconductor ELJNA1R0F Datasheet HTML 5Page - Panasonic Semiconductor ELJNA1R0F Datasheet HTML 6Page - Panasonic Semiconductor ELJNA1R0F Datasheet HTML 7Page - Panasonic Semiconductor ELJNA1R0F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6±0.2
Marking
3.2±0.3
4.0 to 4.6
1.6 to 2.0
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJNA47N
□F47
M : ±20 %
100
10
100
680
0.20
450
ELJNA56N
□F
56
600
0.22
420
ELJNA68N
□F
68
540
0.25
400
ELJNA82N
□F
82
500
0.27
380
ELJNAR10
□F
100
450
0.30
360
ELJNAR12
□F
120
25.2
25.2
400
0.67
240
ELJNAR15
□F
150
350
0.72
230
ELJNAR18
□F
180
320
0.81
220
ELJNAR22
□F
220
K : ±10 %
or
J : ± 5 %
1
280
0.90
210
ELJNAR27
□F
270
250
1.0
200
ELJNAR33
□F
330
220
1.1
190
ELJNAR39
□F
390
200
1.2
180
ELJNAR47
□F
470
180
1.4
175
ELJNAR56
□F
560
160
1.5
170
ELJNAR68
□F
680
150
1.7
155
ELJNAR82
□F
820
135
1.9
145
ELJNA1R0
□F
1000
J : ± 5 %
13
7.96
120
2.1
125
ELJNA1R2
□F
1200
110
2.3
120
ELJNA1R5
□F
1500
95
2.7
115
ELJNA1R8
□F
1800
85
3.0
110
ELJNA2R2
□F
2200
80
3.2
110
ELJNA2R7
□F
2700
70
3.6
105
ELJNA3R3
□F
3300
62
4.2
100
ELJNA3R9
□F
3900
57
4.4
95
ELJNA4R7
□F
4700
52
7.7
70
ELJNA5R6
□F
5600
46
8.7
65
ELJNA6R8
□F
6800
42
10
60
ELJNA8R2
□F
8200
38
11
60
NA Type 3225 (1210)
Dimensions in mm (not to scale)
Recommended Land Pattern in mm (not to scale)
Standard Parts
Standard Packing Quantity
● 2000 pcs./Reel
✽1 : Self Resonant Frequency ✽2 : DC Resistance
□ : Symbol of Tolerance
Sep. 2012
01
10


Similar Part No. - ELJNA1R0F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNA1R0F PANASONIC-ELJNA1R0F Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJNA1R0F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com