Electronic Components Datasheet Search |
|
HN58C256AP-85 Datasheet(PDF) 1 Page - Hitachi Semiconductor |
|
HN58C256AP-85 Datasheet(HTML) 1 Page - Hitachi Semiconductor |
1 / 25 page HN58C256A Series HN58C257A Series 256k EEPROM (32-kword × 8-bit) Ready/ Busy and RES function (HN58C257A) ADE-203-410D (Z) Rev. 4.0 Oct. 24, 1997 Description The Hitachi HN58C256A and HN58C257A are electrically erasable and programmable ROMs organized as 32768-word × 8-bit. They have realized high speed low power consumption and high reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology. They also have a 64-byte page programming function to make their write operations faster. Features • Single 5 V supply: 5 V ±10% • Access time: 85 ns/100 ns (max) • Power dissipation Active: 20 mW/MHz, (typ) Standby: 110 µW (max) • On-chip latches: address, data, CE, OE, WE • Automatic byte write: 10 ms max • Automatic page write (64 bytes): 10 ms max • Ready/Busy (only the HN58C257A series) • Data polling and Toggle bit • Data protection circuit on power on/off • Conforms to JEDEC byte-wide standard • Reliable CMOS with MNOS cell technology • 105 erase/write cycles (in page mode) • 10 years data retention • Software data protection • Write protection by RES pin (only the HN58C257A series) • Industrial versions (Temperatur range: – 20 to 85˚C and – 40 to 85˚C) are also available. |
Similar Part No. - HN58C256AP-85 |
|
Similar Description - HN58C256AP-85 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |