Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XI3535-KT577J1-06101-000P Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # XI3535-KT577J1-06101-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3535-KT577J1-06101-000P Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  XI3535-KT577J1-06101-000P Datasheet HTML 1Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 2Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 3Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 4Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 5Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 6Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 7Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 8Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LifecyclePhase:
Revision
: 5
Expired Period: Forever
Release Date:2013-12-26 09:49:25.0
DATASHEET
XI3535(2S)
1W Series
4 Copyright © 2012, Everlight All Rights Reserved. Release Date: Dec.24.2013 Issue No: DHE-0002142
www.everlight.com
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Max. DC Forward Current (mA)
IF
240
mA
Max. Peak Pulse Current (mA)
IPulse
350
[1]
mA
Power Dissipation
Pd
1
W
Thermal Resistance
Rth
15
°C/W
Operating Temperature
Topr
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Junction temperature
Tj
115
°C
Max. Soldering Temperature
TSol
260
Notes:
1.
Duty cycle = 1/10@1KHZ


Similar Part No. - XI3535-KT577J1-06101-000P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3535-KT577J1-03201-000P EVERLIGHT-XI3535-KT577J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
More results

Similar Description - XI3535-KT577J1-06101-000P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3535-KT657J1-03201-000P EVERLIGHT-XI3535-KT657J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KT507J1-03201-000P EVERLIGHT-XI3535-KT507J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM277F9-06101-000P EVERLIGHT-XI3535-KM277F9-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-KT577J1-03201-000P EVERLIGHT-XI3535-KT577J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM277F9-03201-000P EVERLIGHT-XI3535-KM277F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KT507J1-06101-000P EVERLIGHT-XI3535-KT507J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-KT657J1-06101-000P EVERLIGHT-XI3535-KT657J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-PT577F9-03201-000P EVERLIGHT-XI3535-PT577F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM307F9-03201-000P EVERLIGHT-XI3535-KM307F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM357F9-03201-000P EVERLIGHT-XI3535-KM357F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM407F9-03201-000P EVERLIGHT-XI3535-KM407F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com