Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4001 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UF4001
Description  Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UF4001 Datasheet(HTML) 2 Page - Vishay Siliconix

  UF4001 Datasheet HTML 1Page - Vishay Siliconix UF4001 Datasheet HTML 2Page - Vishay Siliconix UF4001 Datasheet HTML 3Page - Vishay Siliconix UF4001 Datasheet HTML 4Page - Vishay Siliconix UF4001 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UF4001, UF4002, UF4003, UF4004, UF4005, UF4006, UF4007
www.vishay.com
Vishay General Semiconductor
Revision: 15-Aug-13
2
Document Number: 88755
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
UF4001 UF4002 UF4003 UF4004 UF4005 UF4006 UF4007
UNIT
Maximum instantaneous
forward voltage
1.0 A
VF (1)
1.0
1.7
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
50
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
50
75
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
17
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UF4001 UF4002 UF4003 UF4004 UF4005 UF4006 UF4007
UNIT
Typical thermal resistance
RJA (1)
60
°C/W
RJL (1)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UF4007-E3/54
0.33
54
5500
13" diameter paper tape and reel
UF4007-E3/73
0.34
73
3000
Ammo pack packaging
1.0
20
40
60
80
100
120
140
160
0
0.5
Ambient Temperature (°C)
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
1
10
100
0
5
10
15
20
25
30
Number of Cycles at 60 Hz
T
A = 55 °C
8.3 ms Single Half Sine-Wave


Similar Part No. - UF4001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
UF4001 EIC-UF4001 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
UF4001 DYELEC-UF4001 Datasheet
968Kb / 2P
   1.0 AMP. Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
431Kb / 4P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
List of Unclassifed Man...
UF4001 ETC1-UF4001 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - UF4001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Sangdest Microelectroni...
MUR1660 SMC-MUR1660 Datasheet
202Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020 SMC-MURF1020 Datasheet
159Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020CTR SMC-MURF1020CTR Datasheet
346Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1620CTR SMC-MURF1620CTR Datasheet
194Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1640CT SMC-MURF1640CT Datasheet
228Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com