Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1024A260 Datasheet(PDF) 1 Page - Littelfuse

Part # SL1024A260
Description  SL1021A/B, SL1024A/B and PMT8 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024A260 Datasheet(HTML) 1 Page - Littelfuse

  SL1024A260 Datasheet HTML 1Page - Littelfuse SL1024A260 Datasheet HTML 2Page - Littelfuse SL1024A260 Datasheet HTML 3Page - Littelfuse SL1024A260 Datasheet HTML 4Page - Littelfuse SL1024A260 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
18
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A/B, SL1024A/B and PMT8 Series
Description
GDT circuit protection devices dissipate electrical
surge energy safely within a contained plasma gas.
Commonly used to help protect sensitive telecom and
networking equipment and lines, GDTs protect from
damage that may result from lightning strikes and
equipment switching operations.
The Littelfuse GDT series described in this document
are available in a variety of leaded and surface mount
forms and offered with and without optional fail-
safe clip. Please refer to the electrical specifications,
dimension and packaging options section of this
document for additional information.
SL1021A/B and SL1024A/B Series:
SL1021A/B and SL1024A/B series GDTs are designed
to offer high levels of performance on fast rising
transients in the range of 100V/μS to 1KV/μS, which
are those most likely created by induced lightning
disturbances.
These devices feature ultra low capacitance (typically
1.5pF or less) and are extremely robust with SL102xA
devices able to divert a 10,000 Amp pulse without
destruction, and SL102xB suffix devices able to divert
a 20,000 Amp pulse without destruction.
These series offer optimized internal geometry which
provide low insertion loss at high frequencies, ideal
for the protection of broadband and other high speed
transmission equipment.
PMT8 Series:
PMT8 GDT's are telecom grade devices designed to
meet the recommendations in CCITT-K12 and Bellcore
GR-1361-CORE. The three electrode configuration
is used in applications where simultaneous crowbar
action of two signal lines is required.
Features
• RoHS compliant
• Low insertion loss
• Excellent response to
fast rising transients
• Ultra low capacitance
• 10KA (A suffix devices) /
20KA (B suffix devices)
surge capability tested
with 8/20μs pulse as
defined by IEC 61000-4-5
• Available with thermal
failsafe option (add ‘F’
suffix to part number)
Applications
SL1021 / SL1024:
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV
equipment
• Splitters
• General telecom
equipment
PMT8:
• Telecom network
interfaces
• Telephone line cards
• Repeaters
• Modems
• Line test equipment
SL1021A/B, SL1024A/B and PMT8 Series
AGENCY
AGENCY FILE NUMBER
®
E128662
Agency Approvals
3 Electrode GDT Graphical Symbol
a
e
b
a = TIP
b = RING
e = GROUND
(center electrode)
®
Product Characteristics
Materials
Dull Tin Plate 17.5 ± 12.5 Microns.
with ceramic insulator
Product Marking
‘LF’ mark, voltage& date code:
SL102xA - Red/White text
SL102xB & PMT8 - Blue/White text
Glow to arc
transition current
~ 1Amp
Glow Voltage
~60-200 Volts
Storage and Operation
Temperature
-40 to +90°C
Transverse Voltage
(Delay Time)
< 0.2μSec (Tested to ITU-T Rec. K.12)
Arc Voltage
~10 to 35 Volts
Holdover Voltage
<150mS (Tested to ITU-T Rec. K.12)


Similar Part No. - SL1024A260

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
More results

Similar Description - SL1024A260

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024B090RF LITTELFUSE-SL1024B090RF Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A350A LITTELFUSE-SL1011A350A Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
logo
Tyco Electronics
B11LS MACOM-B11LS Datasheet
55Kb / 1P
   CONNECTORS B SERIES
logo
Keysight Technologies
DSO1000A KEYSIGHT-DSO1000A Datasheet
1Mb / 15P
   DSO1000A/B Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com