Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN29V51211T-50 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HN29V51211T-50
Description  512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN29V51211T-50 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HN29V51211T-50 Datasheet HTML 7Page - Hitachi Semiconductor HN29V51211T-50 Datasheet HTML 8Page - Hitachi Semiconductor HN29V51211T-50 Datasheet HTML 9Page - Hitachi Semiconductor HN29V51211T-50 Datasheet HTML 10Page - Hitachi Semiconductor HN29V51211T-50 Datasheet HTML 11Page - Hitachi Semiconductor HN29V51211T-50 Datasheet HTML 12Page - Hitachi Semiconductor HN29V51211T-50 Datasheet HTML 13Page - Hitachi Semiconductor HN29V51211T-50 Datasheet HTML 14Page - Hitachi Semiconductor HN29V51211T-50 Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
HN29V51211 Series
11
Mode Description
Read
Serial Read (1): Memory data D0 to D2111 in the sector of address SA is sequentially read. Output data is
not valid after the number of the SC pulse exceeds 2112. When CA is input, memory data D (m) to D (m + j)
in the sector of address SA is sequentially read. Then output data is not valid after the number of the SC pulse
exceeds (2112 to m). The mode turns back to the standby mode at any time when
CE is V
IH.
Serial Read (2): Memory data D2048 to D2111 in the sector of address SA is sequentially read. Output data
is not valid after the number of the SC pulse exceeds 64. The mode turns back to the standby mode at any
time when
CE is V
IH.
Automatic Erase
Single Sector Erase: Memory data D0 to D2111 in the sector of address SA is erased automatically by
internal control circuits. After the sector erase starts, the erasure completion can be checked through the
RDY/
Busy signal and status data polling. All the bits in the sector are "1" after the erase. The sector valid
data stored in a part of memory data D2048 to D2111 must be read and kept outside of the sector before the
sector erase.
Automatic Program
Program (1): Program data PD0 to PD2111 is programmed into the sector of address SA automatically by
internal control circuits. When CA is input, program data PD (m) to PD (m + j) is programmed from CA into
the sector of address SA automatically by internal control circuits.
By using program (1), data can
additionally be programed for each sector before the following erase. When the column is programmed, the
data of the column must be [FF]. After the programming starts, the program completion can be checked
through the RDY/
Busy signal and status data polling. Programmed bits in the sector turn from "1" to "0"
when they are programmed. The sector valid data should be included in the program data PD2048 to PD2111.
Program (2): Program data PD0 to PD2111 is programmed into the sector of address SA automatically by
internal control circuits. After the programming starts, the program completion can be checked through the
RDY/
Busy signal and status data polling. Programmed bits in the sector turn from "1" to "0" when they are
programmed. The sector must be erased before programming. The sector valid data should be included in the
program data PD2048 to PD2111.
Program (3): Program data PD2048 to PD2111 is programmed into the sector of address SA automatically
by internal control circuits. By using program (3), data can additionally be programed for each sector befor
the following erase. When the column is programmed, the data of the column must be [FF]. After the
programming starts, the program completion can be checked through the RDY/
Busy signal and status data
polling. Programmed bits in the sector turn from "1" to "0" when they are programmed.


Similar Part No. - HN29V51211T-50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN29V102414 RENESAS-HN29V102414 Datasheet
352Kb / 48P
   1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
HN29V102414T-50 RENESAS-HN29V102414T-50 Datasheet
352Kb / 48P
   1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
HN29V1G91T-30 RENESAS-HN29V1G91T-30 Datasheet
1Mb / 92P
   128M X 8-bit AG-AND Flash Memory
Rev. 4.00 Jul.20.2004
HN29V25611A RENESAS-HN29V25611A Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
More results

Similar Description - HN29V51211T-50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN29V102414 RENESAS-HN29V102414 Datasheet
352Kb / 48P
   1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
AMIC Technology
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com