Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X10ME2-M1 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E2E-X10ME2-M1
Description  Cylindrical Proximity Sensor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X10ME2-M1 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E2E-X10ME2-M1 Datasheet HTML 4Page - Omron Electronics LLC E2E-X10ME2-M1 Datasheet HTML 5Page - Omron Electronics LLC E2E-X10ME2-M1 Datasheet HTML 6Page - Omron Electronics LLC E2E-X10ME2-M1 Datasheet HTML 7Page - Omron Electronics LLC E2E-X10ME2-M1 Datasheet HTML 8Page - Omron Electronics LLC E2E-X10ME2-M1 Datasheet HTML 9Page - Omron Electronics LLC E2E-X10ME2-M1 Datasheet HTML 10Page - Omron Electronics LLC E2E-X10ME2-M1 Datasheet HTML 11Page - Omron Electronics LLC E2E-X10ME2-M1 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
E2E/E2E2 Cylindrical Proximity Sensor
Specifications
■ Ratings/Characteristics
E2E
E2E-X
@D@ DC 2-wire Models
Note 1. Use the E2E within the range in which the setting indicator (green LED) is ON (except D2 models).
2. The response speed is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard
sensing object, and a set distance of half the sensing distance.
3. The residual voltage of each E2E model with the model number suffix “-M1J-T” is 5 V. When connecting an E2E model with the suffix “-
M1J-T” to a device, make sure that the device can withstand the residual voltage.
4. This OMRON in-house standard confirms resistance to cutting and other oils. It is equivalent to the former JEM standard.
Size
M8
M12
M18
M30
Type
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Item
E2E-X2D
@
E2E-X4MD
@
E2E-X3D
@
E2E-X8MD
@
E2E-X7D
@
E2E-X14MD
@
E2E-X10D
@
E2E-X20MD
@
Sensing distance
2 mm
±10%
4 mm
±10%
3 mm
±10%
8 mm
±10%
7 mm
±10%
14 mm
±10% 10 mm ±10% 20 mm ±10%
Set distance (See note 1.) 0 to 1.6 mm
0 to 3.2 mm
0 to 2.4 mm
0 to 6.4 mm
0 to 5.6 mm
0 to 11.2 mm
0 to 8.0 mm
0 to 16.0 mm
Differential travel
15% max. of sensing distance 10% max. of sensing distance
Sensing object
Ferrous metal (The sensing distance decreases with non-ferrous metal, refer to Engineering Data.)
Standard sensing object Iron, 8 x 8 x
1mm
Iron, 20 x 20 x
1mm
Iron,12 x 12 x
1mm
Iron,30 x 30 x
1mm
Iron, 18 x 18 x
1mm
Iron, 30 x 30 x
1mm
Iron,30 x 30 x
1mm
Iron, 54 x 54 x
1mm
Response speed (See
note 2.)
1.5 kHz
1.0 kHz
1.0 kHz
0.8 kHz
0.5 kHz
0.4 kHz
0.4 kHz
0.1 kHz
Power supply voltage
(operating voltage range)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Leakage current
0.8 mA max.
Control
output
Load
current
3 to 100 mA
Diagnostic output: 50 mA for -D1(5)S models
Residual
voltage
(See note 3.)
3 V max. (Load current: 100 mA, Cable length: 2 m. M1J-T models only: 5 V max.)
Indicator
D1 Models: Operation indicator (red LED), setting indicator (green LED)
D2 Models: Operation indicator (red LED)
Operation mode
(with sensing object
approaching)
D1 Models:
NO
D2 Models:
NC
For details, refer to Timing Charts.
Diagnostic output delay
0.3 to 1 s
Protection circuits
Surge suppressor, output load short-circuit protection (for control and diagnostic output)
Ambient temperature
Operating: –25
°C to 70°C, Storage: –40°C to 85°C (with no icing or condensation)
Ambient humidity
Operating/Storage: 35% to 95% (with no condensation)
Temperature influence
±15% max. of sensing
distance at 23
°C in the
temperature range of –25
°C to
70
°C
±10% max. of sensing distance at 23°C in the temperature range of –25°C to 70°C
Voltage influence
±1% max. of sensing distance in the rated voltage range ±15%
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min between current-carrying parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
500 m/s2 10 times each in X,
Y, and Z directions
1,000 m/s2 10 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP67 (Pre-wired models, pre-wired connector models: in-house standard for oil resistance (former JEM standard
equivalent to IP67g)) (See note 4.)
Connection method
Pre-wired models (standard length: 2 m), connector models, pre-wired connector models (standard length: 0.3 m)
Weight
(packed
state)
Pre-wired
models
Approx. 60 g
Approx. 70 g
Approx. 130 g
Approx. 175 g
Pre-wired
connector
models
---
Approx. 40 g
Approx. 70 g
Approx. 110 g
Connector
models
Approx. 15 g
Approx. 25 g
Approx. 40 g
Approx. 90 g
Material
Case
Stainless steel (SUS303)
Brass-nickel plated
Sensing
surface
PBT (polybutylene terephthalate)
Clamping
nuts
Brass-nickel plated
Toothed
washer
Iron-zinc plated
Accessories
Instruction manual


Similar Part No. - E2E-X10ME2-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10ME1 OMRON-E2E-X10ME1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10ME1-M1 OMRON-E2E-X10ME1-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10ME1-M1-N OMRON-E2E-X10ME1-M1-N Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
E2E-X10ME1-N OMRON-E2E-X10ME1-N Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
More results

Similar Description - E2E-X10ME2-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com