Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM658512ALP-8 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM658512ALP-8
Description  4 M PSRAM (512-kword x 8-bit) 2 k Refresh
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM658512ALP-8 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM658512ALP-8 Datasheet HTML 3Page - Hitachi Semiconductor HM658512ALP-8 Datasheet HTML 4Page - Hitachi Semiconductor HM658512ALP-8 Datasheet HTML 5Page - Hitachi Semiconductor HM658512ALP-8 Datasheet HTML 6Page - Hitachi Semiconductor HM658512ALP-8 Datasheet HTML 7Page - Hitachi Semiconductor HM658512ALP-8 Datasheet HTML 8Page - Hitachi Semiconductor HM658512ALP-8 Datasheet HTML 9Page - Hitachi Semiconductor HM658512ALP-8 Datasheet HTML 10Page - Hitachi Semiconductor HM658512ALP-8 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
HM658512A Series
7
At the end of self refresh, refresh reset time (t
RFS) is required to reset the internal self refresh operation of
the RAM. During t
RFS, CE and OE/RFSH must be kept high.
If auto refresh follows self refresh, low
transition of
OE/RFSH at the beginning of automatic refresh must not occur during t
RFS period.
Notes on Using the HM658512A
Since pseudo static RAM consists of dynamic circuits like DRAM, its clock pins are more noise-sensitive
than conventional SRAM’s.
(1) If a short
CE pulse of a width less than t
CE min is applied to RAM, an incomplete read occurs and
stored data may be destroyed. Make sure that
CE low pulses of less than t
CE min are inhibited. Note
that a 10 ns
CE low pulse may sometimes occur owing to the gate delay on the board if the CE signal is
generated by the decoding of higher address signals on the board. Avoid these short pulses.
(2)
OE/RFSH works as refresh control in standby mode. A short OE/RFSH low pulse may cause an
incomplete refresh that will destroy data. Make sure that
OE/RFSH low pulse of less than t
FAP min are
also inhibited.
(3) t
OHC and tOCD are the timing specs which distinguish the OE function of OE/RFSH from the RFSH
function. The t
OHC and tOCD specs must be strictly maintained.
(4) Start the HM658512A operating by executing at least eight initial cycles (dummy cycles) at least 100
µs after the power voltage reaches 4.5 V-5.5 V after power-on.
Function Table
CE
OE/RFSH
WE
I/O pin
Mode
L
L
H
Dout
Read
L
X
L
High-Z
Write
L
H
H
High-Z
H
L
X
High-Z
Refresh
H
H
X
High-Z
Standby
Note:
X means H or L.


Similar Part No. - HM658512ALP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
   High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65-100LF ETC2-HM65-100LF Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65-100LF BITECH-HM65-100LF Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM658512ALP-8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62W8512B HITACHI-HM62W8512B Datasheet
80Kb / 16P
   4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com