Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR6200CTL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR6200CTL
Description  Low Forward Voltage Drop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR6200CTL Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR6200CTL Datasheet HTML 1Page - Diodes Incorporated SBR6200CTL Datasheet HTML 2Page - Diodes Incorporated SBR6200CTL Datasheet HTML 3Page - Diodes Incorporated SBR6200CTL Datasheet HTML 4Page - Diodes Incorporated SBR6200CTL Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR6200CTL
Document number: DS31342 Rev. 3 - 2
1 of 5
www.diodes.com
February 2011
© Diodes Incorporated
SBR6200CTL
SBR is a registered trademark of Diodes Incorporated
6A SBR
®
SUPER BARRIER RECTIFIER
Features
Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Lead Free Finish, RoHS Compliant (Note 1)
“Green” Molding Compound (No Br, Sb)
Mechanical Data
Case: TO252
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.37 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
SBR6200CTL-13
TO252
2500 pieces/reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Package Pin-Out Configuration
2
1
3
6200CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 08 = 2008)
WW = Week (01 - 53)
YYWW
AB
6200CT
SBR


Similar Part No. - SBR6200CTL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR624SD ETC2-SBR624SD Datasheet
629Kb / 2P
   miniature fully screened, open frame
SBR624SU ETC2-SBR624SU Datasheet
629Kb / 2P
   miniature fully screened, open frame
More results

Similar Description - SBR6200CTL

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com