Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR6200CTL-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR6200CTL-13
Description  Low Forward Voltage Drop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR6200CTL-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR6200CTL-13 Datasheet HTML 1Page - Diodes Incorporated SBR6200CTL-13 Datasheet HTML 2Page - Diodes Incorporated SBR6200CTL-13 Datasheet HTML 3Page - Diodes Incorporated SBR6200CTL-13 Datasheet HTML 4Page - Diodes Incorporated SBR6200CTL-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR6200CTL
Document number: DS31342 Rev. 3 - 2
2 of 5
www.diodes.com
February 2011
© Diodes Incorporated
SBR6200CTL
SBR is a registered trademark of Diodes Incorporated
Maximum Ratings (Per Leg) @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
200
V
Average Rectified Output Current Per Device
(Per Leg)
(Total)
IO
3
6
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
80
A
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance
RθJC
2
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics (Per Leg) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
0.80
0.65
0.85
0.70
V
IF = 3A, TJ = 25ºC
IF = 3A, TJ = 125ºC
Leakage Current (Note 3)
IR
-
-
-
-
0.1
10
mA
VR = 200V, TJ = 25ºC
VR = 200V, TJ = 125ºC
Notes:
3. Short duration pulse test used to minimize self-heating effect.
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig. 1 Forward Power Dissipation
01
2
3
4
5
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0
200
400
600
800
1,000
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0.0001
0.001
0.01
0.1
1
10
100
T = 25°C
A
T = 85°C
A
T = 125°C
A


Similar Part No. - SBR6200CTL-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR624SD ETC2-SBR624SD Datasheet
629Kb / 2P
   miniature fully screened, open frame
SBR624SU ETC2-SBR624SU Datasheet
629Kb / 2P
   miniature fully screened, open frame
More results

Similar Description - SBR6200CTL-13

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com