Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-375P Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F-375P
Description  POWER TRANSFORMER PC Mount Dual Primary
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-375P Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F-375P Datasheet HTML 1Page - TRIAD MAGNETICS F-375P Datasheet HTML 2Page - TRIAD MAGNETICS F-375P Datasheet HTML 3Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P O W E R T R A N S F O R M E R
PC Mount: Dual Primary
F-366XP
Electrical Specifications (@25C)
1. Maximum Power: 10.0 VA
2. Primary:
Series:230V@50/60 Hz
Parallel: 115V@50/60Hz
3. Secondary:
Series:
16.0V CT @ 0.640 Amps
Parallel:
8.0V CT @ 1.280 Amps
Description:
The F-366XP is part of a wide selection of plug-in types that meet the needs of PC
boards and solid state power supply design. This transformer can satisfy power as
well as control and instrumentation applications.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
1 2 3 4
A
B
G
C
E
E
E
1
2
34
5
6
7
8
D
F
Safety:
These products are 100% hipot tested with an insulation of 1500V between
primary and secondary windings.
Dimensions:
Units: In inches
A
B
C
D
E
F
G
1.625
2.812
1.437
1.875
.250
1.312
2.375
Mounting holes: 0.187 in.
Pin length:
0.187 in.
Pin size: 0.20 x .041 in.
Weight:
11.0 oz
Schematic:
1
2
3
4
5
6
7
8
Primary:
Series - 1 to 4, Jumper 2 to 3
Parallel - 1 to 3, Jumper 1 to 3 and 2 to 4
Secondary:
Series - 3 to 6, Jumper 4 to 5
Parallel - 3 to 5, Jumper 3 to 5 and 4 to 6
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.


Similar Part No. - F-375P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-375P TRIAD-F-375P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
More results

Similar Description - F-375P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-358XP TRIAD-F-358XP_13 Datasheet
71Kb / 1P
   PC Mount: Dual Primary
F-365XP TRIAD-F-365XP_13 Datasheet
71Kb / 1P
   PC Mount: Dual Primary
F-367P TRIAD-F-367P_13 Datasheet
137Kb / 1P
   PC Mount: Dual Primary
F-374P TRIAD-F-374P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-375P TRIAD-F-375P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-349XP TRIAD-F-349XP_13 Datasheet
42Kb / 1P
   PC Mount: Dual Primary
F-370P TRIAD-F-370P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-376P TRIAD-F-376P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-3152XP TRIAD-F-3152XP_13 Datasheet
71Kb / 1P
   PC Mount: Dual Primary
F-371P TRIAD-F-371P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com