Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X5ME1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E2E-X5ME1
Description  Cylindrical Proximity Sensor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X5ME1 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E2E-X5ME1 Datasheet HTML 2Page - Omron Electronics LLC E2E-X5ME1 Datasheet HTML 3Page - Omron Electronics LLC E2E-X5ME1 Datasheet HTML 4Page - Omron Electronics LLC E2E-X5ME1 Datasheet HTML 5Page - Omron Electronics LLC E2E-X5ME1 Datasheet HTML 6Page - Omron Electronics LLC E2E-X5ME1 Datasheet HTML 7Page - Omron Electronics LLC E2E-X5ME1 Datasheet HTML 8Page - Omron Electronics LLC E2E-X5ME1 Datasheet HTML 9Page - Omron Electronics LLC E2E-X5ME1 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
E2E/E2E2 Cylindrical Proximity Sensor
DC 3-wire/Connector Models
AC 2-wire/Pre-wired Models
Size
Sensing distance
Output configuration
Model
Shielded
M12
2 mm
NPN NO
E2E2-X2C1-M1
NPN NC
E2E2-X2C2-M1
PNP NO
E2E2-X2B1-M1
PNP NC
E2E2-X2B2-M1
M18
5 mm
NPN NO
E2E2-X5C1-M1
NPN NC
E2E2-X5C2-M1
PNP NO
E2E2-X5B1-M1
PNP NC
E2E2-X5B2-M1
M30
10 mm
NPN NO
E2E2-X10C1-M1
NPN NC
E2E2-X10C2-M1
PNP NO
E2E2-X10B1-M1
PNP NC
E2E2-X10B2-M1
Unshielded
M12
5 mm
NPN NO
E2E2-X5MC1-M1
NPN NC
E2E2-X5MC2-M1
PNP NO
E2E2-X5MB1-M1
PNP NC
E2E2-X5MB2-M1
M18
10 mm
NPN NO
E2E2-X10MC1-M1
NPN NC
E2E2-X10MC2-M1
PNP NO
E2E2-X10MB1-M1
PNP NC
E2E2-X10MB2-M1
M30
18 mm
NPN NO
E2E2-X18MC1-M1
NPN NC
E2E2-X18MC2-M1
PNP NO
E2E2-X18MB1-M1
PNP NC
E2E2-X18MB2-M1
Size
Sensing distance
Operation mode
Model
Shielded
M12
2 mm
NO
E2E2-X2Y1
NC
E2E2-X2Y2
M18
5 mm
NO
E2E2-X5Y1
NC
E2E2-X5Y2
M30
10 mm
NO
E2E2-X10Y1
NC
E2E2-X10Y2
Unshielded
M12
5 mm
NO
E2E2-X5MY1
NC
E2E2-X5MY2
M18
10 mm
NO
E2E2-X10MY1
NC
E2E2-X10MY2
M30
18 mm
NO
E2E2-X18MY1
NC
E2E2-X18MY2


Similar Part No. - E2E-X5ME1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X5ME1-M1-N OMRON-E2E-X5ME1-M1-N Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
E2E-X5ME1-N OMRON-E2E-X5ME1-N Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
More results

Similar Description - E2E-X5ME1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com