Electronic Components Datasheet Search |
|
E2E-X1R5E1 Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
E2E-X1R5E1 Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 48 page 8 E2E/E2E2 Cylindrical Proximity Sensor Specifications ■ Ratings/Characteristics E2E E2E-X @D@ DC 2-wire Models Note 1. Use the E2E within the range in which the setting indicator (green LED) is ON (except D2 models). 2. The response speed is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and a set distance of half the sensing distance. 3. The residual voltage of each E2E model with the model number suffix “-M1J-T” is 5 V. When connecting an E2E model with the suffix “- M1J-T” to a device, make sure that the device can withstand the residual voltage. 4. This OMRON in-house standard confirms resistance to cutting and other oils. It is equivalent to the former JEM standard. Size M8 M12 M18 M30 Type Shielded Unshielded Shielded Unshielded Shielded Unshielded Shielded Unshielded Item E2E-X2D @ E2E-X4MD @ E2E-X3D @ E2E-X8MD @ E2E-X7D @ E2E-X14MD @ E2E-X10D @ E2E-X20MD @ Sensing distance 2 mm ±10% 4 mm ±10% 3 mm ±10% 8 mm ±10% 7 mm ±10% 14 mm ±10% 10 mm ±10% 20 mm ±10% Set distance (See note 1.) 0 to 1.6 mm 0 to 3.2 mm 0 to 2.4 mm 0 to 6.4 mm 0 to 5.6 mm 0 to 11.2 mm 0 to 8.0 mm 0 to 16.0 mm Differential travel 15% max. of sensing distance 10% max. of sensing distance Sensing object Ferrous metal (The sensing distance decreases with non-ferrous metal, refer to Engineering Data.) Standard sensing object Iron, 8 x 8 x 1mm Iron, 20 x 20 x 1mm Iron,12 x 12 x 1mm Iron,30 x 30 x 1mm Iron, 18 x 18 x 1mm Iron, 30 x 30 x 1mm Iron,30 x 30 x 1mm Iron, 54 x 54 x 1mm Response speed (See note 2.) 1.5 kHz 1.0 kHz 1.0 kHz 0.8 kHz 0.5 kHz 0.4 kHz 0.4 kHz 0.1 kHz Power supply voltage (operating voltage range) 12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max. Leakage current 0.8 mA max. Control output Load current 3 to 100 mA Diagnostic output: 50 mA for -D1(5)S models Residual voltage (See note 3.) 3 V max. (Load current: 100 mA, Cable length: 2 m. M1J-T models only: 5 V max.) Indicator D1 Models: Operation indicator (red LED), setting indicator (green LED) D2 Models: Operation indicator (red LED) Operation mode (with sensing object approaching) D1 Models: NO D2 Models: NC For details, refer to Timing Charts. Diagnostic output delay 0.3 to 1 s Protection circuits Surge suppressor, output load short-circuit protection (for control and diagnostic output) Ambient temperature Operating: –25 °C to 70°C, Storage: –40°C to 85°C (with no icing or condensation) Ambient humidity Operating/Storage: 35% to 95% (with no condensation) Temperature influence ±15% max. of sensing distance at 23 °C in the temperature range of –25 °C to 70 °C ±10% max. of sensing distance at 23°C in the temperature range of –25°C to 70°C Voltage influence ±1% max. of sensing distance in the rated voltage range ±15% Insulation resistance 50 M Ω min. (at 500 VDC) between current-carrying parts and case Dielectric strength 1,000 VAC at 50/60 Hz for 1 min between current-carrying parts and case Vibration resistance 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions Shock resistance 500 m/s2 10 times each in X, Y, and Z directions 1,000 m/s2 10 times each in X, Y, and Z directions Degree of protection IEC 60529 IP67 (Pre-wired models, pre-wired connector models: in-house standard for oil resistance (former JEM standard equivalent to IP67g)) (See note 4.) Connection method Pre-wired models (standard length: 2 m), connector models, pre-wired connector models (standard length: 0.3 m) Weight (packed state) Pre-wired models Approx. 60 g Approx. 70 g Approx. 130 g Approx. 175 g Pre-wired connector models --- Approx. 40 g Approx. 70 g Approx. 110 g Connector models Approx. 15 g Approx. 25 g Approx. 40 g Approx. 90 g Material Case Stainless steel (SUS303) Brass-nickel plated Sensing surface PBT (polybutylene terephthalate) Clamping nuts Brass-nickel plated Toothed washer Iron-zinc plated Accessories Instruction manual |
Similar Part No. - E2E-X1R5E1 |
|
Similar Description - E2E-X1R5E1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |