Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62W8511H Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HM62W8511H
Description  4M High Speed SRAM (512-kword x 8-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62W8511H Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HM62W8511H Datasheet HTML 5Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 6Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 7Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 8Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 9Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 10Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 11Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 12Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HM62W8511H Series
11
Low V
CC Data Retention Characteristics (Ta = 0 to +70°C)
This characteristics is guaranteed only for L-version.
Parameter
Symbol
Min
Typ*
1
Max
Unit
Test conditions
V
CC for data retention
V
DR
2.0
V
V
CC ≥ CS ≥ VCC – 0.2 V
(1) 0 V
≤ Vin ≤ 0.2 V or
(2) V
CC ≥ Vin ≥ VCC – 0.2 V
Data retention current
I
CCDR
40
600
µAV
CC = 3 V, VCC ≥ CS ≥ VCC – 0.2 V
(1) 0 V
≤ Vin ≤ 0.2 V or
(2) V
CC ≥ Vin ≥ VCC – 0.2 V
Chip deselect to data
retention time
t
CDR
0
ns
See retention waveform
Operation recovery time
t
R
5
——ms
Note:
1. Typical values are at V
CC = 3.0 V, Ta = +25˚C, and not guaranteed.
Low V
CC Data Retention Timing Waveform
VCC
3.0 V
2.2 V
0 V
CS
tCDR
tR
VCC ≥ CS ≥ VCC – 0.2 V
VDR
Data retention mode


Similar Part No. - HM62W8511H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM62W8511HCJP-10 HITACHI-HM62W8511HCJP-10 Datasheet
66Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8511HCJP-10 RENESAS-HM62W8511HCJP-10 Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HCJP-12 RENESAS-HM62W8511HCJP-12 Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
More results

Similar Description - HM62W8511H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628511HI HITACHI-HM628511HI Datasheet
64Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM628511H HITACHI-HM628511H Datasheet
75Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HI HITACHI-HM62W8511HI Datasheet
63Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
R1RW0408D RENESAS-R1RW0408D Datasheet
86Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM628511HC HITACHI-HM628511HC Datasheet
69Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
logo
Renesas Technology Corp
R1RP0408DI RENESAS-R1RP0408DI_15 Datasheet
102Kb / 14P
   R1RP0408DI_15 4M High Speed SRAM (512-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com