Electronic Components Datasheet Search |
|
E2E-X7D2-M1G Datasheet(PDF) 10 Page - Omron Electronics LLC |
|
E2E-X7D2-M1G Datasheet(HTML) 10 Page - Omron Electronics LLC |
10 / 48 page 10 E2E/E2E2 Cylindrical Proximity Sensor E2E-C @C@/B@, E2E-X1C@/B@ DC 3-wire Models Note 1. The response speed is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and a set distance of half the sensing distance. 2. This OMRON in-house standard confirms resistance to cutting and other oils. It is equivalent to the former JEM standard. Size 3 dia. 4 dia. M5 5.4 dia. Type Shielded Item E2E-CR6C @/B@ E2E-CR8C @/B@ E2E-X1C @/B@ E2E-C1C @/B@ Sensing distance 0.6 mm ±15% 0.8 mm ±15% 1 mm ±15% Set distance 0 to 0.4 mm 0 to 0.5 mm 0 to 0.7 mm Differential travel 15% max. of sensing distance Sensing object Ferrous metal (The sensing distance decreases with non-ferrous metal, refer to Engineering Data.) Standard sensing object Iron: 3 x 3 x 1 mm Iron: 5 x 5 x 1 mm Response speed (See note.) 2 kHz 3 kHz Power supply voltage (operating voltage range) 12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max. Current consumption 10 mA max. 17 mA max. Control output Load current Open-collector output 80 mA max. (at 30 VDC max.) Open-collector output 100 mA max. (at 30 VDC max.) Residual voltage 1 V max. (Load current: 80 mA, Cable length: 2m) 2 V max. (Load current: 100 mA, Cable length: 2 m) Indicator Operation indicator (red LED) Operation mode (with sensing object approaching) C1/-B1 Models:NO C2/-B2 Models:NC For details, refer to Timing Charts. Protection circuits Power supply reverse polarity protection, surge suppressor Ambient temperature Operating/Storage: –25 °C to 70°C (with no icing or condensation) Ambient humidity Operating/Storage: 35% to 95% Temperature influence ±15% max. of sensing distance at 23°C in the temperature range of –25°C to 70°C Voltage influence ±5% max. of sensing distance in the rated voltage range ±10% ±2.5% max. of sensing distance in the rated voltage range ±15% Insulation resistance 50 M Ω min. (at 500 VDC) between current-carrying parts and case Dielectric strength 500 VAC at 50/60 Hz for 1 min between current-carrying parts and case Vibration resistance 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions Shock resistance 500 m/s2 10 times each in X, Y, and Z directions Degree of protection IEC 60529 IP66 IEC 60529 IP67 (Pre-wired models: in-house standard for oil resistance (former JEM standard equivalent to IP67g)) (See note 2.) Connection method Pre-wired models (Standard length 2 m) Pre-wired models (Standard length 2 m), connector models Weight (packed state) Pre-wired models Approx. 60 g Connector models --- Approx. 12 g Approx. 15 g --- Material Case Stainless steel (SUS303) Brass-nickel plated Sensing surface Heat-resistant ABS Clamping nuts --- Brass-nickel plated Toothed washer --- Iron-zinc plated Accessories Instruction manual |
Similar Part No. - E2E-X7D2-M1G |
|
Similar Description - E2E-X7D2-M1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |