Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL128102AC23-02A Datasheet(PDF) 8 Page - NEC

Part # NL128102AC23-02A
Description  39 cm 15.4 inches, 1280 x 1024 pixels, Full-color, Multi-scan Function Incorporated backlight with inverter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL128102AC23-02A Datasheet(HTML) 8 Page - NEC

Back Button NL128102AC23-02A Datasheet HTML 4Page - NEC NL128102AC23-02A Datasheet HTML 5Page - NEC NL128102AC23-02A Datasheet HTML 6Page - NEC NL128102AC23-02A Datasheet HTML 7Page - NEC NL128102AC23-02A Datasheet HTML 8Page - NEC NL128102AC23-02A Datasheet HTML 9Page - NEC NL128102AC23-02A Datasheet HTML 10Page - NEC NL128102AC23-02A Datasheet HTML 11Page - NEC NL128102AC23-02A Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Data Sheet EN0427EJ1V0DS00
8
NL128102AC23-02A
CN104
Part No.
: IL-Z-8PL-SMTY
Adaptable socket : IL-Z-8S-S125C3
Supplier
: Japan Aviation Electronics Industry Limited (JAE)
Pin No.
Symbol
Pin No.
Symbol
1VDD
5GND
2VDD
6GND
3VDD
7GND
4VDD
8GND
87
21
· ····
Figure from socket view
CN201
Part No.
: IL-Z-11PL1-SMTY
Adaptable socket : IL-Z-11S-S125C3
Supplier
: Japan Aviation Electronics Industry Limited (JAE)
Pin No.
Symbol
Pin No.
Symbol
1VDDB
7
N.C.
2VDDB
8
N.C.
3VDDB
9
N.C.
4
GNDB
10
N.C.
5
GNDB
11
N.C.
6
GNDB
11 10
2
1
· ····
Figure from socket view
Note N.C. (No connection) should be open.
<Connector location>
Rear view
1
CN101
8
CN104
1
1
CN103
25
1
11
CN201
6
3
CN102
1


Similar Part No. - NL128102AC23-02A

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
NL128102AC29-17 GSR-NL128102AC29-17 Datasheet
280Kb / 2P
   TFT Modules
More results

Similar Description - NL128102AC23-02A

ManufacturerPart #DatasheetDescription
logo
NEC
NL3224AC35-10 NEC-NL3224AC35-10 Datasheet
148Kb / 20P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color Incorporated backlight with inverter
NL10276AC30-01A NEC-NL10276AC30-01A Datasheet
234Kb / 32P
   38 cm 15 inches, 1024 x 768 pixels, Full-color, Multi-scan Function, Built-in backlight with inverter Ultra wide viewing angle
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276AC28-01L NEC-NL10276AC28-01L Datasheet
265Kb / 5P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Multi-scan function, Built-in CRT interface board
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
NL3224AC35-06 NEC-NL3224AC35-06 Datasheet
122Kb / 16P
   14 cm 5.5 Type, 320 x 240 Pixels, Full color, RGB separate input NTSC Conposite input, Incorporated backlight with inverter
NL6448BC33-31 NEC-NL6448BC33-31 Datasheet
267Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Wide viewing angle
NL3224AC35-01 NEC-NL3224AC35-01 Datasheet
145Kb / 28P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color NTSC/PAL mode, Wide temperature range
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
NL6448AC33-29 NEC-NL6448AC33-29 Datasheet
177Kb / 28P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com