Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL128102AC23-02A Datasheet(PDF) 3 Page - NEC

Part # NL128102AC23-02A
Description  39 cm 15.4 inches, 1280 x 1024 pixels, Full-color, Multi-scan Function Incorporated backlight with inverter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL128102AC23-02A Datasheet(HTML) 3 Page - NEC

  NL128102AC23-02A Datasheet HTML 1Page - NEC NL128102AC23-02A Datasheet HTML 2Page - NEC NL128102AC23-02A Datasheet HTML 3Page - NEC NL128102AC23-02A Datasheet HTML 4Page - NEC NL128102AC23-02A Datasheet HTML 5Page - NEC NL128102AC23-02A Datasheet HTML 6Page - NEC NL128102AC23-02A Datasheet HTML 7Page - NEC NL128102AC23-02A Datasheet HTML 8Page - NEC NL128102AC23-02A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet EN0427EJ1V0DS00
3
NL128102AC23-02A
OUTLINE OF CHARACTERISTICS (at room temperature)
Display area
305.28 (H)
× 244.224 (V) mm
Drive system
a-Si TFT active matrix
Display colors
Full-color
Number of pixels
1280
× 1024 pixels
Pixel arrangement
RGB vertical stripe
Pixel pitch
0.2385 (H)
× 0.2385 (V) mm
Module size
350.0 (H)
× 284.8 (V) × 26.0 (max.) (D) mm
Weight
1700 g (TYP.)
Contrast ratio
200 : 1 (TYP.)
Viewing angle (more than the contrast ratio of 10 : 1)
Horizontal : 60° (TYP., left side, right side)
Vertical
: 50° (TYP., up side), 45° (TYP., down side)
Color gamut
59% (TYP., at center, to NTSC)
Response time
7 ms (TYP.), white to black
Luminance
200 cd/m
2 (TYP.)
Signal system
Analog RGB signals, Synchronous signals (Hsync and Vsync or Composite),
CLK
Supply voltages
12 V (Logic/LCD driving), 12 V (Backlight)
Backlight
Edge light type: Four cold cathode fluorescent lamps with an inverter
[Replaceable parts]
• Lamp holder: type No. 154LHS02
• Inverter: type No. 154PW021
Power consumption
28.8 W (TYP.)


Similar Part No. - NL128102AC23-02A

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
NL128102AC29-17 GSR-NL128102AC29-17 Datasheet
280Kb / 2P
   TFT Modules
More results

Similar Description - NL128102AC23-02A

ManufacturerPart #DatasheetDescription
logo
NEC
NL3224AC35-10 NEC-NL3224AC35-10 Datasheet
148Kb / 20P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color Incorporated backlight with inverter
NL10276AC30-01A NEC-NL10276AC30-01A Datasheet
234Kb / 32P
   38 cm 15 inches, 1024 x 768 pixels, Full-color, Multi-scan Function, Built-in backlight with inverter Ultra wide viewing angle
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276AC28-01L NEC-NL10276AC28-01L Datasheet
265Kb / 5P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Multi-scan function, Built-in CRT interface board
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
NL3224AC35-06 NEC-NL3224AC35-06 Datasheet
122Kb / 16P
   14 cm 5.5 Type, 320 x 240 Pixels, Full color, RGB separate input NTSC Conposite input, Incorporated backlight with inverter
NL6448BC33-31 NEC-NL6448BC33-31 Datasheet
267Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Wide viewing angle
NL3224AC35-01 NEC-NL3224AC35-01 Datasheet
145Kb / 28P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color NTSC/PAL mode, Wide temperature range
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
NL6448AC33-29 NEC-NL6448AC33-29 Datasheet
177Kb / 28P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com