Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62V8512CI Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HM62V8512CI
Description  Wide Temperature Range Version4 M SRAM (512-kword x 8-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62V8512CI Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HM62V8512CI Datasheet HTML 5Page - Hitachi Semiconductor HM62V8512CI Datasheet HTML 6Page - Hitachi Semiconductor HM62V8512CI Datasheet HTML 7Page - Hitachi Semiconductor HM62V8512CI Datasheet HTML 8Page - Hitachi Semiconductor HM62V8512CI Datasheet HTML 9Page - Hitachi Semiconductor HM62V8512CI Datasheet HTML 10Page - Hitachi Semiconductor HM62V8512CI Datasheet HTML 11Page - Hitachi Semiconductor HM62V8512CI Datasheet HTML 12Page - Hitachi Semiconductor HM62V8512CI Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HM62V8512CI Series
11
Low V
CC Data Retention Characteristics (Ta = –40 to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions*
2
V
CC for data retention
V
DR
2—
—V
CS
≥ V
CC – 0.2 V, Vin ≥ 0 V
Data retention current
I
CCDR
0.8*
3
20*
1
µA
V
CC = 3.0 V, Vin ≥ 0 V
CS
≥ V
CC – 0.2 V
Chip deselect to data retention time
t
CDR
0
ns
See retention waveform
Operation recovery time
t
R
t
RC*
4
——
ns
Notes: 1. For L-version and 10 µA (max.) at Ta = –40 to +40°C.
2.
CS controls address buffer, WE buffer, OE buffer, and Din buffer. In data retention mode, Vin
levels (address,
WE, OE, I/O) can be in the high impedance state.
3. Typical values are at V
CC = 3.0 V, Ta = +25°C and specified loading, and not guaranteed.
4. t
RC = read cycle time.
Low V
CC Data Retention Timing Waveform (CS Controlled)
V
CC
2.7 V
2.4 V
0 V
CS
t
CDR
t
R
CS
≥ V
CC – 0.2 V
V
DR
Data retention mode


Similar Part No. - HM62V8512CI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
More results

Similar Description - HM62V8512CI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V16256CI HITACHI-HM62V16256CI Datasheet
77Kb / 18P
   Wide Temperature Range Version4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16514I RENESAS-HM62V16514I Datasheet
97Kb / 19P
   Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
HM62V16512I RENESAS-HM62V16512I Datasheet
97Kb / 19P
   WIDE TEMPERATURE RANGE VERSION 8 M SRAM (512-KWORD X 16-BIT)
HM6216514I RENESAS-HM6216514I Datasheet
98Kb / 18P
   Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
logo
Hitachi Semiconductor
HM628512CI HITACHI-HM628512CI Datasheet
83Kb / 17P
   Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM628512CI RENESAS-HM628512CI Datasheet
109Kb / 19P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
logo
Hitachi Semiconductor
R1LP0408C HITACHI-R1LP0408C Datasheet
78Kb / 14P
   Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
HM6216514I RENESAS-HM6216514I_15 Datasheet
121Kb / 20P
   Wide Temperature Range Version 8 M SRAM (512-kword 쨈 16-bit)
HM628100I RENESAS-HM628100I Datasheet
91Kb / 17P
   Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com