Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628511HJP-12 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM628511HJP-12
Description  4M High Speed SRAM (512-kword x 8-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628511HJP-12 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM628511HJP-12 Datasheet HTML 1Page - Hitachi Semiconductor HM628511HJP-12 Datasheet HTML 2Page - Hitachi Semiconductor HM628511HJP-12 Datasheet HTML 3Page - Hitachi Semiconductor HM628511HJP-12 Datasheet HTML 4Page - Hitachi Semiconductor HM628511HJP-12 Datasheet HTML 5Page - Hitachi Semiconductor HM628511HJP-12 Datasheet HTML 6Page - Hitachi Semiconductor HM628511HJP-12 Datasheet HTML 7Page - Hitachi Semiconductor HM628511HJP-12 Datasheet HTML 8Page - Hitachi Semiconductor HM628511HJP-12 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HM628511H Series
4M High Speed SRAM (512-kword
× 8-bit)
ADE-203-762D (Z)
Rev. 1.0
Sep. 15, 1998
Description
The HM628511H Series is a 4-Mbit high speed static RAM organized 512-k word
× 8-bit. It has realized
high speed access time by employing CMOS process (4-transistor + 2-poly resistor memory cell)and high
speed circuit designing technology. It is most appropriate for the application which requires high speed, high
density memory and wide bit width configuration, such as cache and buffer memory in system. It is packaged
in 400-mil 36-pin plastic SOJ.
Features
• Single 5.0 V supply : 5.0 V ± 10 %
• Access time 10 /12 /15 ns (max)
• Completely static memory
 No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
 All inputs and outputs
• Operating current : 180 / 160 / 140 mA (max)
• TTL standby current : 70 / 60 / 50 mA (max)
• CMOS standby current : 5 mA (max)
: 1.2 mA (max) (L-version)
• Data retension current: 0.8 mA (max) (L-version)
• Data retension voltage: 2 V (min) (L-version)
• Center V
CC and VSS type pinout


Similar Part No. - HM628511HJP-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628511HJPI-12 HITACHI-HM628511HJPI-12 Datasheet
64Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
HM628511HJPI-15 HITACHI-HM628511HJPI-15 Datasheet
64Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
More results

Similar Description - HM628511HJP-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628511HI HITACHI-HM628511HI Datasheet
64Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HI HITACHI-HM62W8511HI Datasheet
63Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
HM62W8511H HITACHI-HM62W8511H Datasheet
74Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
R1RW0408D RENESAS-R1RW0408D Datasheet
86Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM628511HC HITACHI-HM628511HC Datasheet
69Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
logo
Renesas Technology Corp
R1RP0408DI RENESAS-R1RP0408DI_15 Datasheet
102Kb / 14P
   R1RP0408DI_15 4M High Speed SRAM (512-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com