Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM624100HLJP-12 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM624100HLJP-12
Description  4M High Speed SRAM (1-Mword x 4-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM624100HLJP-12 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM624100HLJP-12 Datasheet HTML 1Page - Hitachi Semiconductor HM624100HLJP-12 Datasheet HTML 2Page - Hitachi Semiconductor HM624100HLJP-12 Datasheet HTML 3Page - Hitachi Semiconductor HM624100HLJP-12 Datasheet HTML 4Page - Hitachi Semiconductor HM624100HLJP-12 Datasheet HTML 5Page - Hitachi Semiconductor HM624100HLJP-12 Datasheet HTML 6Page - Hitachi Semiconductor HM624100HLJP-12 Datasheet HTML 7Page - Hitachi Semiconductor HM624100HLJP-12 Datasheet HTML 8Page - Hitachi Semiconductor HM624100HLJP-12 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HM624100H Series
5
DC Characteristics (Ta = 0 to +70
°C, V
CC = 5.0 V ± 10 %, VSS = 0V)
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
II
LII
——2
µA
Vin = V
SS to V CC
Output leakage current
II
LOI
——2
µA
Vin = V
SS to V CC
Operation power
supply current
10 ns cycle I
CC
200
mA
Min cycle
CS = V
IL, lout = 0 mA
Other inputs = V
IH/VIL
12 ns cycle I
CC
180
15 ns cycle I
CC
160
Standby power supply
current
10 ns cycle I
SB
70
mA
Min cycle,
CS = V
IH,
Other inputs = V
IH/VIL
12 ns cycle I
SB
——60
15 ns cycle I
SB
——50
I
SB1
0.1
5
mA
f = 0 MHz
V
CC ≥ CS ≥ VCC - 0.2 V,
(1) 0 V
≤ Vin ≤ 0.2 V or
(2) V
CC ≥ Vin ≥ VCC - 0.2 V
—*
2
0.1*
2
1.2*
2
Output voltage
V
OL
0.4
V
I
OL = 8 mA
V
OH
2.4
V
I
OH = –4 mA
Notes: 1. Typical values are at V
CC = 5.0 V, Ta = +25°C
and not guaranteed.
2. This characteristics is guaranteed only for L-version.
Capacitance (Ta = +25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance*
1
Cin
6
pF
Vin = 0 V
Input/output capacitance*
1
C
I/O
——
8
pF
V
I/O = 0 V
Note:
1. This parameter is sampled and not 100% tested.


Similar Part No. - HM624100HLJP-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM624100HC HITACHI-HM624100HC Datasheet
65Kb / 14P
   4M High Speed SRAM (1-Mword x 4-bit)
HM624100HCJP-10 HITACHI-HM624100HCJP-10 Datasheet
65Kb / 14P
   4M High Speed SRAM (1-Mword x 4-bit)
HM624100HCLJP-10 HITACHI-HM624100HCLJP-10 Datasheet
65Kb / 14P
   4M High Speed SRAM (1-Mword x 4-bit)
More results

Similar Description - HM624100HLJP-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W4100HC HITACHI-HM62W4100HC Datasheet
65Kb / 14P
   4M High Speed SRAM (1-Mword x 4-bit)
HM621400H HITACHI-HM621400H Datasheet
73Kb / 13P
   4M High Speed SRAM (4-Mword x 1-bit)
HM621400HC HITACHI-HM621400HC Datasheet
64Kb / 14P
   4M High Speed SRAM (4-Mword x 1-bit)
logo
Renesas Technology Corp
R1RW0404D RENESAS-R1RW0404D Datasheet
84Kb / 13P
   4M HIGH SPEED SRAM (1-MWORD X 4-BIT)
logo
Hitachi Semiconductor
HM624100HC HITACHI-HM624100HC Datasheet
65Kb / 14P
   4M High Speed SRAM (1-Mword x 4-bit)
HM62W4100H HITACHI-HM62W4100H Datasheet
73Kb / 13P
   4M High Speed SRAM (1-Mword x 4-bit)
logo
Renesas Technology Corp
R1RP0404D RENESAS-R1RP0404D Datasheet
84Kb / 13P
   4M High Speed SRAM (1-Mword 횞 4-bit)
logo
Hitachi Semiconductor
HM62W1400H HITACHI-HM62W1400H Datasheet
82Kb / 14P
   4M High Speed SRAM (4-Mword x1-bit)
logo
Renesas Technology Corp
R1LV1616HSA-I RENESAS-R1LV1616HSA-I Datasheet
477Kb / 21P
   16 M SRAM (1-Mword x 16-bit / 2-Mword x 8-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I_17 Datasheet
432Kb / 15P
   16 M SRAM (1-Mword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com