Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD83325L Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD83325L
Description  12 V Dual N-Channel NexFET??Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD83325L Datasheet(HTML) 2 Page - Texas Instruments

  CSD83325L Datasheet HTML 1Page - Texas Instruments CSD83325L Datasheet HTML 2Page - Texas Instruments CSD83325L Datasheet HTML 3Page - Texas Instruments CSD83325L Datasheet HTML 4Page - Texas Instruments CSD83325L Datasheet HTML 5Page - Texas Instruments CSD83325L Datasheet HTML 6Page - Texas Instruments CSD83325L Datasheet HTML 7Page - Texas Instruments CSD83325L Datasheet HTML 8Page - Texas Instruments CSD83325L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CSD83325L
SLPS494 – NOVEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
6
Device and Documentation Support.................... 6
6.1
Trademarks ............................................................... 6
2
Applications ........................................................... 1
6.2
Electrostatic Discharge Caution ................................ 6
3
Description ............................................................. 1
6.3
Glossary .................................................................... 6
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 7
5.1
Electrical Characteristics........................................... 3
7.1
Package Dimensions ................................................ 7
5.2
Thermal Information .................................................. 3
7.2
Recommended PCB Pattern..................................... 8
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Recommended Stencil Pattern ................................. 8
4 Revision History
DATE
REVISION
NOTES
November 2014
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD83325L


Similar Part No. - CSD83325L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD83325L TI1-CSD83325L Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD83325LT TI1-CSD83325LT Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
More results

Similar Description - CSD83325L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
[Old version datasheet]   CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
[Old version datasheet]   20 V Dual N-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD86311W1723 TI-CSD86311W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual N-Channel NexFET??Power MOSFET
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
[Old version datasheet]   CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com