Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7043 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7043
Description  Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7043 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7043 Datasheet HTML 1Page - Texas Instruments ADS7043 Datasheet HTML 2Page - Texas Instruments ADS7043 Datasheet HTML 3Page - Texas Instruments ADS7043 Datasheet HTML 4Page - Texas Instruments ADS7043 Datasheet HTML 5Page - Texas Instruments ADS7043 Datasheet HTML 6Page - Texas Instruments ADS7043 Datasheet HTML 7Page - Texas Instruments ADS7043 Datasheet HTML 8Page - Texas Instruments ADS7043 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADS7043
SBAS681A – NOVEMBER 2014 – REVISED NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
AVDD to GND
–0.3
3.9
V
DVDD to GND
–0.3
3.9
V
AINP to GND
–0.3
AVDD + 0.3
V
AINM to GND
–0.3
AVDD + 0.3
V
Digital input voltage to GND
–0.3
DVDD + 0.3
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–60
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–2000
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
–1000
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AVDD
Analog supply voltage range
1.8
3.6
V
DVDD
Digital supply voltage range
1.65
3.6
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
ADS7043
THERMAL METRIC(1)
RUG (X2QFN)
DCU (VSSOP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
177.5
235.8
RθJC(top)
Junction-to-case (top) thermal resistance
51.5
79.8
RθJB
Junction-to-board thermal resistance
76.7
117.6
°C/W
ψJT
Junction-to-top characterization parameter
1.0
8.9
ψJB
Junction-to-board characterization parameter
76.7
116.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS7043


Similar Part No. - ADS7043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7043IDCUR TI1-ADS7043IDCUR Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043IDCUT TI1-ADS7043IDCUT Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043IRUGR TI1-ADS7043IRUGR Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results

Similar Description - ADS7043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com