Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM6264BLP-10L Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM6264BLP-10L
Description  64 k SRAM (8-kword x 8-bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6264BLP-10L Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM6264BLP-10L Datasheet HTML 1Page - Hitachi Semiconductor HM6264BLP-10L Datasheet HTML 2Page - Hitachi Semiconductor HM6264BLP-10L Datasheet HTML 3Page - Hitachi Semiconductor HM6264BLP-10L Datasheet HTML 4Page - Hitachi Semiconductor HM6264BLP-10L Datasheet HTML 5Page - Hitachi Semiconductor HM6264BLP-10L Datasheet HTML 6Page - Hitachi Semiconductor HM6264BLP-10L Datasheet HTML 7Page - Hitachi Semiconductor HM6264BLP-10L Datasheet HTML 8Page - Hitachi Semiconductor HM6264BLP-10L Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HM6264B Series
DC Characteristics (Ta = 0 to +70
°C, V
CC = 5 V ±10%, VSS = 0 V)
Parameter
Symbol Min
Typ
*1
Max
Unit
Test conditions
Input leakage current
|I
LI|
——2
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|
——2
µA
CS1 = V
IH or CS2 = VIL or OE = VIH or
WE = V
IL, VI/O = VSS to V CC
Operating power supply
current
I
CCDC
7
15
mA
CS1 = V
IL, CS2 = VIH, I I/O = 0 mA
others = V
IH/VIL
Average operating power
supply current
I
CC1
30
45
mA
Min cycle, duty = 100%,
CS1 = V
IL, CS2 = VIH, I I/O = 0 mA
others = V
IH/VIL
I
CC2
3
5
mA
Cycle time = 1
µs, duty = 100%, I
I/O = 0 mA
CS1
≤ 0.2 V, CS2 ≥ V
CC – 0.2 V,
V
IH ≥ VCC – 0.2 V, VIL ≤ 0.2 V
Standby power supply
current
I
SB
13mA
CS1 = V
IH, CS2 = VIL
I
SB1
—2
50
µA
CS1
≥ V
CC – 0.2 V, CS2 ≥ VCC – 0.2 V or
0 V
≤ CS2 ≤ 0.2 V, 0 V ≤ Vin
Output low voltage
V
OL
0.4
V
I
OL = 2.1 mA
Output high voltage
V
OH
2.4
V
I
OH = –1.0 mA
Notes: 1. Typical values are at V
CC = 5.0 V, Ta = +25°C and not guaranteed.
Capacitance (Ta = 25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance
*1
Cin
5
pF
Vin = 0 V
Input/output capacitance
*1
C
I/O
——
7
pF
V
I/O = 0 V
Note:
1. This parameter is sampled and not 100% tested.


Similar Part No. - HM6264BLP-10L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264BLPI-10 HITACHI-HM6264BLPI-10 Datasheet
72Kb / 17P
   64k SRAM (8-kword x 8-bit) Wide Temperature Range version
HM6264BLPI-12 HITACHI-HM6264BLPI-12 Datasheet
72Kb / 17P
   64k SRAM (8-kword x 8-bit) Wide Temperature Range version
More results

Similar Description - HM6264BLP-10L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
   64 k SRAM (8-kword x 8-bit)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
HM62832UH HITACHI-HM62832UH Datasheet
114Kb / 13P
   256 k High Speed SRAM (32-kword 8-bit)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com