Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JU2024-KM307P6-30515-0G0T Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # JU2024-KM307P6-30515-0G0T
Description  30V/15W Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

JU2024-KM307P6-30515-0G0T Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button JU2024-KM307P6-30515-0G0T Datasheet HTML 6Page - Everlight Electronics Co., Ltd JU2024-KM307P6-30515-0G0T Datasheet HTML 7Page - Everlight Electronics Co., Ltd JU2024-KM307P6-30515-0G0T Datasheet HTML 8Page - Everlight Electronics Co., Ltd JU2024-KM307P6-30515-0G0T Datasheet HTML 9Page - Everlight Electronics Co., Ltd JU2024-KM307P6-30515-0G0T Datasheet HTML 10Page - Everlight Electronics Co., Ltd JU2024-KM307P6-30515-0G0T Datasheet HTML 11Page - Everlight Electronics Co., Ltd JU2024-KM307P6-30515-0G0T Datasheet HTML 12Page - Everlight Electronics Co., Ltd JU2024-KM307P6-30515-0G0T Datasheet HTML 13Page - Everlight Electronics Co., Ltd JU2024-KM307P6-30515-0G0T Datasheet HTML 14Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
DATASHEET
JU2024
30V/15W Series
10
Copyright © 2013, Everlight All Rights Reserved. Release Date: 06.26.2013. Issue No: DHE-0002068
www.everlight.com
4500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
45K-1
0.364
0.381
45K-2
0.355
0.374
0.362
0.366
0.353
0.360
0.370
0.373
0.362
0.366
0.374
0.387
0.364
0.381
Reference Range: 4260~4500K
Reference Range: 4500~4745K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
45K-4
0.362
0.366
45K-3
0.353
0.360
0.359
0.352
0.351
0.347
0.367
0.358
0.359
0.352
0.370
0.373
0.362
0.366
Reference Range: 4260~4500K
Reference Range: 4500~4745K


Similar Part No. - JU2024-KM307P6-30515-0G0T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU2024-KM357P6-30515-0G0T EVERLIGHT-JU2024-KM357P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
More results

Similar Description - JU2024-KM307P6-30515-0G0T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU2024-KM357P6-30515-0G0T EVERLIGHT-JU2024-KM357P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT507P7-30515-0G0T EVERLIGHT-JU2024-KT507P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM277P5-30515-0G0T EVERLIGHT-JU2024-KM277P5-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM457P7-30515-0G0T EVERLIGHT-JU2024-KM457P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM407P6-30515-0G0T EVERLIGHT-JU2024-KM407P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT577P7-30515-0G0T EVERLIGHT-JU2024-KT577P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT657P7-30515-0G0T EVERLIGHT-JU2024-KT657P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
logo
Emerson Network Power
AEESERIES EMERSON-NETWORKPOWER-AEESERIES Datasheet
169Kb / 2P
   AEE 15W Series
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
List of Unclassifed Man...
P15D ETC1-P15D Datasheet
206Kb / 2P
   15W DC-DC Converter P15D-Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com