Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTO175 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VTO175
Description  Three Phase Full Controlled Rectifier Bridge, B6C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VTO175 Datasheet(HTML) 1 Page - IXYS Corporation

  VTO175 Datasheet HTML 1Page - IXYS Corporation VTO175 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2008 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
20080227a
VTO 110
VTO 175
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
1300
1200
VTO 110-12io7
VTO 175-12io7
1500
1400
VTO 110-14io7
VTO 175-14io7
1700
1600
VTO 175-16io7
Features
Package with screw terminals
Isolation voltage 3000 V~
Planar passivated chips
UL registered E72873
Applications
Input rectifier for PWM converter
Input rectifier for switch mode power
supplies (SMPS)
Softstart capacitor charging
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling
I
dAVM
= 110/167 A
V
RRM = 1200-1600 V
Symbol
Test Conditions
Maximum Ratings
VTO 110
VTO 175
I
dAV
T
C = 85°C; module
110
167
A
I
FRMS, ITRMS
per leg
58
89
A
I
FSM, ITSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
1150
1500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1230
1600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1000
1350
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1070
1450
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
6600
11200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
6280
10750
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
5000
9100
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
4750
8830
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 50 A
150
A/µs
f =400 Hz, t
P =200 µs
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive
500
A/µs
di
G/dt = 0.3 A/µs, IT = 1/3 • IdAV
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
1000
V/µs
R
GK = ∞; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =30
µs
10
W
I
T = ITAVM
t
p =
500 µs
5W
t
p =10
ms
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M6)
5-15
Nm
Terminal connection torque (M6)
5-15
lb.in.
Weight
typ.
300
g
Three Phase Full Controlled
Rectifier Bridge, B6C
A
B
2
31
5
4
6
E
D
C
A
+
B
-
1
2
3
4
5
6
E
~
D
~
C
~
Preliminary data


Similar Part No. - VTO175

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VTO175 IXYS-VTO175 Datasheet
45Kb / 2P
   Three Phase Full Controlled Rectifier Bridge
More results

Similar Description - VTO175

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSDT74 POWERSEM-PSDT74 Datasheet
519Kb / 2P
   Three Phase Full Controlled Rectifier Bridge, B6C
logo
IXYS Corporation
VTO110 IXYS-VTO110 Datasheet
45Kb / 2P
   Three Phase Full Controlled Rectifier Bridge
logo
Powersem GmbH
PSDT39 POWERSEM-PSDT39 Datasheet
186Kb / 2P
   Three Phase Full Controlled Rectifier Bridge
logo
Naina Semiconductor ltd...
NFS60 NAINA-NFS60 Datasheet
191Kb / 2P
   Three Phase Full Controlled Bridge Rectifier, 60 Amps
NFS100 NAINA-NFS100 Datasheet
191Kb / 2P
   Three Phase Full Controlled Bridge Rectifier, 100 Amps
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Semikron International
SKS700NB6C470V16 SEMIKRON-SKS700NB6C470V16 Datasheet
208Kb / 3P
   Three-phase controlled bridge rectifier
SKS360FB6C240V16 SEMIKRON-SKS360FB6C240V16 Datasheet
207Kb / 3P
   Three-phase controlled bridge rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com