Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JU1215-KM277K4-09804-450T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # JU1215-KM277K4-09804-450T
Description  JU1215
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

JU1215-KM277K4-09804-450T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  JU1215-KM277K4-09804-450T Datasheet HTML 1Page - Everlight Electronics Co., Ltd JU1215-KM277K4-09804-450T Datasheet HTML 2Page - Everlight Electronics Co., Ltd JU1215-KM277K4-09804-450T Datasheet HTML 3Page - Everlight Electronics Co., Ltd JU1215-KM277K4-09804-450T Datasheet HTML 4Page - Everlight Electronics Co., Ltd JU1215-KM277K4-09804-450T Datasheet HTML 5Page - Everlight Electronics Co., Ltd JU1215-KM277K4-09804-450T Datasheet HTML 6Page - Everlight Electronics Co., Ltd JU1215-KM277K4-09804-450T Datasheet HTML 7Page - Everlight Electronics Co., Ltd JU1215-KM277K4-09804-450T Datasheet HTML 8Page - Everlight Electronics Co., Ltd JU1215-KM277K4-09804-450T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2013-12-24 16:31:20.0
DATASHEET
JU1215
9V/4W 3S8P Series
3 Copyright © 2012, Everlight All Rights Reserved. Release Date: Jun.19.2013 Issue No: DHE-0002050 Rev: 4
www.everlight.com
Product Nomenclature
The product name is designated as below:
JU1215-CDEFGHJ-KLMNP-QRST
Family name
JU1215
Designation:
CD = lighting color and wavelength [1]
EF = color bin or CCT bin
G = internal code
HJ = min. luminous flux (lm) or radiation power (mW) performance
KL = forward voltage bin[2]
M = internal code
NP = power consumption[3]
Q= internal code
R= Dam Diameter[4]
S= internal code
T=Type of Package[5]
Notes
1.
Table of lighting color and wavelength
Symbol
Color
CCT range
Color Rendering Index
GT
Cool-White
4745~7050K
>65
KT
Cool-White
4745~7050K
>80
Warm-White
2580~3710K
LM
Neutral-White
3710K-4745K
>70
Warm White
2580~3710K
KM
Neutral-White
3710K-4745K
>80
2.
Table of forward voltage bin
Symbol
Description
09
9V Input Voltage
3.
Power consumption:
Symbol
Description
4
4W
4.
Dam Diameter:
Symbol
Description
5
5.0-5.9mm
5.
Table of packaging types:
Symbol
Description
T
Tray


Similar Part No. - JU1215-KM277K4-09804-450T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU1215-KM277K4-09804-450T EVERLIGHT-JU1215-KM277K4-09804-450T Datasheet
1Mb / 27P
   LM-80 Certified High power DC COB & high efficiency
JU1215-KM277K4-09804-450T EVERLIGHT-JU1215-KM277K4-09804-450T Datasheet
880Kb / 27P
   9V/4W 3S8P Series
More results

Similar Description - JU1215-KM277K4-09804-450T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU1215-GT507K6-09804-450T EVERLIGHT-JU1215-GT507K6-09804-450T Datasheet
1Mb / 27P
   JU1215
JU1215-KM277N6-12507-090T EVERLIGHT-JU1215-KM277N6-12507-090T Datasheet
1Mb / 29P
   JU1215
JU1215-GT577K6-09804-450T EVERLIGHT-JU1215-GT577K6-09804-450T Datasheet
1Mb / 27P
   JU1215
JU1215-GT657K6-09804-450T EVERLIGHT-JU1215-GT657K6-09804-450T Datasheet
1Mb / 27P
   JU1215
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com