Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68048 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-68048
Description  LAN ISOLATION TRANSFORMER CATALOG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68048 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-68048 Datasheet HTML 1Page - Pulse A Technitrol Company PE-68048 Datasheet HTML 2Page - Pulse A Technitrol Company PE-68048 Datasheet HTML 3Page - Pulse A Technitrol Company PE-68048 Datasheet HTML 4Page - Pulse A Technitrol Company PE-68048 Datasheet HTML 5Page - Pulse A Technitrol Company PE-68048 Datasheet HTML 6Page - Pulse A Technitrol Company PE-68048 Datasheet HTML 7Page - Pulse A Technitrol Company PE-68048 Datasheet HTML 8Page - Pulse A Technitrol Company PE-68048 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.pulseeng.com
3
EC100.N (1/10)
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
Primary
Primary
Interwinding
Leakage
Part
Turns Ratio
Primary
Sine Wave
ET-Constant Rise Time
2
Capacitance Inductance
DCR
Schem. Mech. Hipot
Number 3
(±5%)
Pins
OCL1
(V-µs MIN)
(ns MAX)
Cww1
LL
1
(
Ω MAX)
(Vrms)
(µH ±20%)
(pF MAX)
(µH MAX)
SURFACE MOUNT
3
PAGE
6
PAGES
8-9
23Z90SM
1:1
1-2/4-5/7-8
75
2.4
3.0
10
0.20
0.20
T2
SMT5
2000
23Z91SM
1:1
1-2/4-5/7-8
100
2.4
3.0
10
0.20
0.30
T2
SMT5
2000
23Z108SM 5
1:1
1-2/4-5/7-8
350
2.5
3.5
16
0.30
0.35
T2
SMT5
2000
PE-65723
1:1
1-2/4-5/7-8
75
1.8
3.0
8
0.20
0.30
T2
SMT4
2000
PE-65727
1:1
1-2/4-5/7-8
150
1.2
3.0
12
0.20
0.30
T2
SMT4
2000
PE-65728
1:1
1-2/4-5/7-8
100
1.8
3.0
9
0.20
0.30
T2
SMT4
2000
THROUGH HOLE
PAGES
6
PAGE
9-10
PE-64108
1:1
1-2/4-5/7-8
100
2.1
3.5
10
0.25
0.40
T2
TH2
2000
PE-64109
1:1
1-2/4-5/7-8
150
3.0
3.0
15
0.20
0.45
T2
TH2
2000
1. OCL, Cww and LL are measured at 20 mVrms, 100 kHz.
2. Rise time is measured in 75
Ω systems.
3. For Tape & Reel packaging, add a suffix “T” to the end of the part number when ordering. e.g. PE-65723T.
Low leakage inductance and coupling
capacitance for faster rise times
Small form factor, 50 mil lead spacing
Through hole, auto-insertable,
16-pin DIP package
ISOLATION TRANSFORMERS
FOR ETHERNET
AUI Transformers
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C


Similar Part No. - PE-68048

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68048 PULSE-PE-68048 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68048 PULSE-PE-68048 Datasheet
358Kb / 11P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68048 PULSE-PE-68048 Datasheet
750Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68048 PULSE-PE-68048 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68048 PULSE-PE-68048 Datasheet
459Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
More results

Similar Description - PE-68048

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
23Z467SM-T PULSE-23Z467SM-T Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68023NL PULSE-PE-68023NL Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-65727 PULSE-PE-65727 Datasheet
358Kb / 11P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68052 PULSE-PE-68052 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
23Z356SMQNL PULSE-23Z356SMQNL Datasheet
750Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-64503NL PULSE-PE-64503NL Datasheet
459Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
logo
Filtran LTD
8497 FILTRAN-8497 Datasheet
156Kb / 1P
   LAN Isolation Transformer
logo
PCA ELECTRONICS INC.
EPA1216G PCA-EPA1216G Datasheet
40Kb / 1P
   Isolation Transformer for Lan-Ethernet Applications
logo
Wurth Elektronik GmbH &...
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
   LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
   LAN-Transformer WE-LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com