Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICF-624-S-O Datasheet(PDF) 1 Page - Samtec, Inc

Part # ICF-624-S-O
Description  SMT DIP CHIP CARRIER SOCKETS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ICF-624-S-O Datasheet(HTML) 1 Page - Samtec, Inc

  ICF-624-S-O Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ICF, PLCC SERIES
(2,54 mm) .100"(ICF) (1,27 mm) .050"(PLCC)
ICF, PLCC SERIES
PLCC–068–T–N
ICF–624–S–O
WWW.SAMTEC.COM
Specify from chart below
ROW SPACING &
NO. OF CONTACTS
TAIL
OPTION
OTHER
OPTION
PLATING
OPTION
–S
=30µ"
(0,76 µm)
Gold on
contact,
Matte Tin on
tail
–T
= Matte Tin
–I
=Tails In
–TR
=Tape &
Reel
Packaging
SPECIFICATIONS
For complete specifications and
recommended PCB layouts
see www.samtec.com?ICF or
www.samtec.com?PLCC
Insulator Material:
Black Liquid Crystal Polymer
Contact Material:
BeCu
Plating:
Sn or Au over
50µ" (1,27 µm) Ni
Operating Temp Range:
-55°C to +125°C
Contact Resistance:
10 m
Ω
Insertion Depth (ICF):
(2,54 mm) .100" to
(3,81 mm) .150"
Insertion
Force/Contact (ICF):
5 oz (1,39 N) average
Withdrawal
Force/Contact (ICF):
4 oz (1,11 N) average
RoHS Compliant:
Yes
Processing:
Lead-Free Solderable:
Yes
SMT Lead Coplanarity (ICF):
.006" (0,15 mm) max
Lead Coplanarity (PLCC):
Less than 52 leads=
.006" (0,15 mm) max;
52 leads and more=
.008" (0,20 mm) max
–O
=Tails Out
.300" Row:
.415 (10,54)
.600" Row:
.715 (18,16)
(2,54) .100 x No. of Spaces
(4,57)
.180
(2,54) .100 x No. of Positions
(2,54) .100 TYP
(7,62)
.300
or
(15,24)
.600
Row
Spacing
+ (1,91)
.075
ICF
Note:
Some sizes, styles and
options are non-standard,
non-returnable.
–TR
=Tape & Reel
Packaging
ALIGNMENT
PIN OPTION
PLATING
OPTION
PLCC
–020, –032, –044, –068
–N
=No Alignment
Pins
PACKAGE
OPTION
Leave package
option blank
for packaging
in a tube.
–T
Matte Tin
NO. OF
CONTACTS
PLCC
Socket
PLCA
(5,08)
.200
(1,52)
.060
(1,27)
.050
TYP
(0,51)
.020
TYP
(1,27)
.050
TYP
No.
1
pin
(0,64) .025 DIA
CA
B
D
(4,11)
.162
SMT DIP & CHIP CARRIER SOCKETS
“–XXX”
Row
Space
No. of
Contacts
–308
.300
(7,62)
08
–314
14
–316
16
–318
18
–320
20
–324
24
–328
28
–624
.600
(15,24)
24
–628
28
–632
32
–640
40
*32 position has
.040" (1,00 mm) DIA x
.030" (0,76 mm) high
standoffs in corners.
NO.OF
PINS
ABC
D
–020 .600 (15,24) .600 (15,24) 370 (9,40)
370 (9,40)
–032 .700 (17,78) .800 (20,32) .470 (11,94) .570 (14,48)
–044 .900 (22,86) .900 (22,86) .670 (17,02) .670 (17,02)
–068 1.200 (30,48)1.200 (30,48) .970 (24,64) .970 (24,64)
F-214 SUPPLEMENT (Rev 17NOV14)
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS


Similar Part No. - ICF-624-S-O

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ICF-624-S-O SAMTEC-ICF-624-S-O Datasheet
372Kb / 1P
   SMT DIP CHIP CARRIER SOCKETS
ICF-624-S-O SAMTEC-ICF-624-S-O Datasheet
1Mb / 1P
   SMT DIP & CHIP CARRIER SOCKETS
More results

Similar Description - ICF-624-S-O

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
PLCC-020-T-N SAMTEC-PLCC-020-T-N Datasheet
372Kb / 1P
   SMT DIP CHIP CARRIER SOCKETS
ICF-624-S-O SAMTEC-ICF-624-S-O Datasheet
1Mb / 1P
   SMT DIP & CHIP CARRIER SOCKETS
logo
Assmann Electronics Inc...
A-CCS-084-Z-SM ASSMANN-A-CCS-084-Z-SM Datasheet
248Kb / 1P
   Chip Carrier sockets, SMT
A-CCS-028-Z-SM ASSMANN-A-CCS-028-Z-SM Datasheet
248Kb / 1P
   Chip Carrier sockets, SMT
A-CCS-052-Z-SM ASSMANN-A-CCS-052-Z-SM Datasheet
248Kb / 1P
   Chip Carrier sockets, SMT
A-CCS-020-Z-SM ASSMANN-A-CCS-020-Z-SM Datasheet
248Kb / 1P
   Chip Carrier sockets, SMT
logo
3M Electronics
8468-21B1-RK-TP 3M-8468-21B1-RK-TP Datasheet
812Kb / 3P
   3M??Chip Carrier Sockets
logo
Assmann Electronics Inc...
A-CCSXX-X-XXX-R ASSMANN-A-CCSXX-X-XXX-R Datasheet
146Kb / 1P
   CHIP-CARRIER-SOCKETS,SMD
logo
3M Electronics
8420-21A1-RK-TP 3M-8420-21A1-RK-TP Datasheet
812Kb / 3P
   3M??Chip Carrier Sockets
logo
Tyco Electronics
2-1437542-2 MACOM-2-1437542-2 Datasheet
586Kb / 3P
   700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com