Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDHSTM-1 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # SDHSTM-1
Description  Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SDHSTM-1 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  SDHSTM-1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SDHSTM-1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED SDHSTM-1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED SDHSTM-1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED SDHSTM-1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED SDHSTM-1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED SDHSTM-1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED SDHSTM-1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED SDHSTM-1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Serial Identification (EEPROM)
The HFBR-57E0 complies with the industry standard
MSA that defines the serial identification protocol. This
protocol uses the 2-wire serial CMOS E2PROM protocol
of the ATMEL AT24C01A or equivalent. The contents of
the HFBR-57E0 serial ID memory are defined in Table 3 as
specified in the SFP MSA.
Functional Data I/O
The HFBR-57E0 fiberoptic transceiver is designed to ac-
cept industry standard differential signals. In order to re-
duce the number of passive components required on the
customer’s board, Avago has included the functionality
of the transmitter bias resistors and coupling capacitors
within the fiberoptic module. The transceiver is compat-
ible with an “ac-coupled” configuration and is internally
terminated. Figure 5 depicts the functional diagram of
the HFBR-57E0.
Regulatory Compliance
See Table 1 for transceiver Regulatory Compliance perfor-
mance. The overall equipment design will determine the
certification level. The transceiver performance is offered
as a figure of merit to assist the designer.
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
to the Electrical Pins
MIL-STD-883C
Meets Class 2 (2000 to 3999 Volts).Withstand up to
2200 V applied between electrical pins.
Electrostatic Discharge (ESD)
to the Duplex LC Receptacle
Variation of IEC 61000-4-2
Typically withstand at least 25 kV without damage
when the LC connector receptacle is contacted by
a Human Body Model probe.
Electromagnetic Interference
(EMI)
FCC Class B
CENELEC CEN55022
Class B (CISPR 21)
VCCI Class 1
System margins are dependent on customer
board and chassis design.
Immunity
Variation of IEC 61000-4-3
Typically shows a negligible effect from a 10 V/m
field swept from 80 to 450 MHz applied to the
transceiver without a chassis enclosure.
Eye Safety
AEL Class 1
EN60825-1 (+A11)
Compliant per Avago testing under single fault
conditions.
TUV Certification: R 72042022
Component Recognition
Underwriters Laboratories and Ca-
nadian Standard Associations Joint
Component Recognition for Informa-
tion Technology Equipment Including
Electrical Business Equipment
UL File#: E173874
RoHS Compliance
Reference to EU RoHS Directive 2002/95/EC
Electrostatic Discharge (ESD)
There are two conditions in which immunity to ESD
damage is important. Table 1 documents our immunity
to both of these conditions. The first condition is during
handling of the transceiver prior to insertion into the
transceiver port. To protect the transceiver, it is important
to use normal ESD handling precautions.
These precautions include using grounded wrist straps,
workbenches, and floor mats in ESD controlled areas.
The ESD sensitivity of the HFBR-57E0 is compatible with
typical industry production environments. The second
condition is static discharges to the exterior of the host
equipment chassis after installation. To the extent that the
duplex LC optical interface is exposed to the outside of
the host equipment chassis, it may be subject to system-
level ESD requirements. The ESD performance of the
HFBR-57E0 exceeds typical industry standards.
Immunity
Equipment hosting the HFBR-57E0 modules will be sub-
jected to radio-frequency electro magnetic fields in some
environments. These transceivers have good immunity to
such fields due to their shielded design.


Similar Part No. - SDHSTM-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDHSTM-1 ETC2-SDHSTM-1 Datasheet
440Kb / 10P
   1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
More results

Similar Description - SDHSTM-1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
logo
Broadcom Corporation.
HFBR-57E5APZ BOARDCOM-HFBR-57E5APZ Datasheet
569Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
logo
Broadcom Corporation.
AFBR-57E6APZC BOARDCOM-AFBR-57E6APZC Datasheet
787Kb / 21P
   Multimode Small Form Factor Pluggable Transceivers with LC Connector and Conformal Coating, DMI for FDDI and Fast Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Broadcom Corporation.
AFBR-59E4APZ-LH BOARDCOM-AFBR-59E4APZ-LH Datasheet
461Kb / 11P
   Multimode Small Form-Factor (SFF) Transceiver for Fast Ethernet, with LC Connector
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59E4APZ AVAGO-AFBR-59E4APZ Datasheet
313Kb / 10P
   Multimode Small Form Factor (SFF) Transceiver for Fast Ethernet with LC connector
logo
Broadcom Corporation.
AFBR-59E4APZC BOARDCOM-AFBR-59E4APZC Datasheet
860Kb / 11P
   Multimode Small-Form Factor (SFF) Transceiver for Fast Ethernet, with LC Connector and Conformal Coating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com