Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC245 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 74LVC245
Description  Octal Bidirectional Transceivers with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LVC245 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  74LVC245 Datasheet HTML 1Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 2Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 3Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 4Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 5Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 6Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 7Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 8Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74LVC245A
Octal Bidirectional Transceivers with 3-state Outputs
ADE-205-111B(Z)
3rd Edition
December 1996
Description
The HD74LVC245A has eight buffers with three state outputs in a 20 pin package. When (T /
R) is high,
data flows from the A inputs to the B outputs, and when (T /
R) is low, data flows from the B inputs to the
A outputs. A and B bus are separated by making enable input (
OE) high level. Low voltage and high
speed operation is suitable at the battery drive product (note type personal computer) and low power
consumption extends the life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All input outputs V
I/O (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
Function Table
Inputs
OE
T /
R
Operation
L
L
B data to A bus
L
H
A data to B bus
HX
Z
H :
High level
L :
Low level
X :
Immaterial
Z :
High impedance


Similar Part No. - 74LVC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
240Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
303Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
ON Semiconductor
74LVC245A ONSEMI-74LVC245A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
More results

Similar Description - 74LVC245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A Datasheet
105Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
   Octal Bidirectional Transceivers with 3?뱒tate Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com