Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEZ6472-15D Datasheet(PDF) 2 Page - NEC

Part # NEZ6472-15D
Description  15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ6472-15D Datasheet(HTML) 2 Page - NEC

  NEZ6472-15D Datasheet HTML 1Page - NEC NEZ6472-15D Datasheet HTML 2Page - NEC NEZ6472-15D Datasheet HTML 3Page - NEC NEZ6472-15D Datasheet HTML 4Page - NEC NEZ6472-15D Datasheet HTML 5Page - NEC NEZ6472-15D Datasheet HTML 6Page - NEC NEZ6472-15D Datasheet HTML 7Page - NEC NEZ6472-15D Datasheet HTML 8Page - NEC NEZ6472-15D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
15 W C-BAND Po GaAs FET NEZ SERIES
2
NEZ-15D/15DD
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDS
15
V
Gate to Source Voltage
VGS
–12
V
Gate to Drain Voltage
VGD
–18
V
Drain Current
ID
18
A
Gate Current
IG
100
mA
Total Power Dissipation
PT*
100
W
Channel Temperature
Tch
175
˚C
Storage Temperature
Tstg
–65 to +175
˚C
* TC = 25 ˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
Part No.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Saturated Drain Current
IDSS
NEZ-15D
4.0
9.2
14.0
A
VDS = 2.5 V, VGS = 0 V
NEZ-15DD
Pinch-off Voltage
VP
NEZ-15D
–3.5
–2.2
–0.5
V
VDS = 2.5 V, IDS = 60 mA
NEZ-15DD
Trans-Conductance
gm
NEZ-15D
5200
mS
VDS = 2.5 V, IDS = 4 A
NEZ-15DD
Gate to Drain Voltage
BVGDO
NEZ-15D
20
22
V
IGD = 60 mA
NEZ-15DD
Thermal Resistance
Rth
NEZ-15D
1.3
1.5
˚C/W
Channel to Case
NEZ15DD


Similar Part No. - NEZ6472-15D

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ6472-15B NEC-NEZ6472-15B Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NEZ6472-15BD NEC-NEZ6472-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
More results

Similar Description - NEZ6472-15D

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com