Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVC16374A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LVC16374A
Description  16-bit D-type Flip Flops with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC16374A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LVC16374A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC16374A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC16374A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC16374A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC16374A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC16374A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC16374A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC16374A Datasheet HTML 9Page - Hitachi Semiconductor HD74LVC16374A Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LVC16374A
6
Switching Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Typ
Max
Unit
From (Input) To (Output)
Maximum clock frequency f
max
2.7
80.0
MHz
3.3
±0.3
100.0 150.0 —
MHz
5.0
±0.5
125.0 —
MHz
Propagation delay time
t
PLH
2.7
7.7
ns
CK
Q
t
PHL
3.3
±0.3
1.5
7.0
ns
5.0
±0.5
5.5
ns
Output enable time
t
ZH
2.7
8.0
ns
G
Q
t
ZL
3.3
±0.3
1.5
7.0
ns
5.0
±0.5
6.0
ns
Output disable time
t
HZ
2.7
8.0
ns
G
Q
t
LZ
3.3
±0.3
1.5
7.0
ns
5.0
±0.5
6.0
ns
Setup time
t
su
2.7
2.0
ns
3.3
±0.3
2.0
ns
5.0
±0.5
2.0
ns
Hold time
t
h
2.7
1.5
ns
3.3
±0.3
1.5
ns
5.0
±0.5
1.5
ns
Pulse width
t
w
2.7
3.0
ns
3.3
±0.3
3.0
ns
5.0
±0.5
3.0
ns
Between output pins skew
*1
t
OSLH
2.7
ns
t
OSHL
3.3
±0.3
1.0
ns
5.0
±0.5
1.0
ns
Input capacitance
C
IN
2.7
3.0
pF
Output capacitance
C
O
2.7
15.0
pF
Note:
1. This parameter is characterized but not tested.
tos
LH = | tPLHm – t PLHn |, tosHL = | tPHLm – t PHLn |


Similar Part No. - HD74LVC16374A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC16374A RENESAS-HD74LVC16374A Datasheet
192Kb / 9P
   16-bit D-type Flip Flops with 3-state Outputs
HD74LVC16374ATEL RENESAS-HD74LVC16374ATEL Datasheet
192Kb / 9P
   16-bit D-type Flip Flops with 3-state Outputs
More results

Similar Description - HD74LVC16374A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC16374A RENESAS-HD74LVC16374A Datasheet
192Kb / 9P
   16-bit D-type Flip Flops with 3-state Outputs
HD74ALVCH16374 RENESAS-HD74ALVCH16374 Datasheet
78Kb / 9P
   16-bit D-type Flip Flops with 3-state Outputs
HD74ALVCH16374 RENESAS-HD74ALVCH16374_15 Datasheet
108Kb / 11P
   16-bit D-type Flip Flops with 3-state Outputs
RD74LVC16374B RENESAS-RD74LVC16374B Datasheet
80Kb / 9P
   16-bit D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH16374 HITACHI-HD74ALVCH16374 Datasheet
50Kb / 10P
   16-bit D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
   16-bit Edge triggered D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com